Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70201 Datasheet(PDF) 6 Page - Microchip Technology

Part # PD70201
Description  Front-End PD Interface Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70201 Datasheet(HTML) 6 Page - Microchip Technology

Back Button PD70201 Datasheet HTML 2Page - Microchip Technology PD70201 Datasheet HTML 3Page - Microchip Technology PD70201 Datasheet HTML 4Page - Microchip Technology PD70201 Datasheet HTML 5Page - Microchip Technology PD70201 Datasheet HTML 6Page - Microchip Technology PD70201 Datasheet HTML 7Page - Microchip Technology PD70201 Datasheet HTML 8Page - Microchip Technology PD70201 Datasheet HTML 9Page - Microchip Technology PD70201 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
The following figure shows the functional blocks of the PD70210A/PD70210AL devices.
Figure 1-2. PD70210A/PD70210AL Functional Block Diagram
RDET
2/38
RCLS
6/8
VPP
1/35
SUPP_S1
SUPP_S2
3
4
VPN_IN
7/11
8/12
15/28
WA_EN
4P_AT_FLAG
13/26
HD_FLAG
12/25
AT_FLAG
11/24
4P_HD_FLAG
14/27
VPN_OUT
9/16
10/17
Enhanced
Classification
Block
Startup/Inrush
Control
VAUX
16/31
10.5 V
Regulator
4.8 V
Regulator
Vdd
45 mA
1.2 V
Bandgap
Bleeder
Control
Detection
Control
RREF
5/7
Iclass
Class
Control
48 V
48 VRTN
Rsense
PD70210A/PD70210AL
RCLASS
RDET
RREF
RCLASS
RDET
RREF
80 ms
Delay Timer
VPP UVLO
VPP UVLO
1.1
Application Information
This section describes the PD70210/A/AL application.
For latest recommendations, contact Microchip and/or see AN3468 Designing a Type 1/2 802.3 or HDBaseT Type 3
Powered Device Front-End Using PD702x0 and PD701x0 ICs.
1.2
Wall Adapter Mode (PD70210A/AL)
PD70210A and PD70210AL supports wall adapter functionality. By setting the WA_EN pin high, it gives priority to the
wall adapter jack to supply the load.
The WA_EN pin is used while connecting a wall-adapter voltage between VPP and VPN_OUT by OR-ing diode.
When WA_EN (the wall adapter enable pin) is held low (referenced to VPN_IN), the front-end works as a normal PD.
When WA_EN is raised high (referenced to VPN_IN), the following three internal operations are forced.
• The isolation FET is turned off.
• All output flags (AT_FLAG, HD_FLAG, 4P_AT_FLAG, and 4P_HD_FLAG) are activated (low state).
• Vaux output voltage is turned on.
While activating the WA_EN pin, the wall adapter supplies input voltage for the DC–DC converter. The WA_EN at a
high state disables the detection and classification modes.
PD70210/PD70210A/PD70210AL
Functional Descriptions
© 2020 Microchip Technology Inc.
Datasheet
DS00003695A-page 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com