Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70201 Datasheet(PDF) 12 Page - Microchip Technology

Part # PD70201
Description  Front-End PD Interface Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70201 Datasheet(HTML) 12 Page - Microchip Technology

Back Button PD70201 Datasheet HTML 8Page - Microchip Technology PD70201 Datasheet HTML 9Page - Microchip Technology PD70201 Datasheet HTML 10Page - Microchip Technology PD70201 Datasheet HTML 11Page - Microchip Technology PD70201 Datasheet HTML 12Page - Microchip Technology PD70201 Datasheet HTML 13Page - Microchip Technology PD70201 Datasheet HTML 14Page - Microchip Technology PD70201 Datasheet HTML 15Page - Microchip Technology PD70201 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Table 2-6. DC–DC Input Cap Discharger
Symbol
Parameter
Conditions
Minimum
Maximum
Unit
ICAP_DIS
Discharge current
(PD70210)
12 V ≤ VPP ≤ 30
V
7 V ≤ VPP ≤ 12 V
22.8
10
60
mA
mA
ICAP_DIS
Discharge current
(PD70210A)
7 V ≤ VPP ≤ 30 V 22.8
60
mA
timerdis
Discharge timer
Time for which
discharge circuit
is activated
430
—
ms
Table 2-7. References, Rails, and Logic
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
VAUX
Auxiliary
voltage
0 mA < IAUX <
4 mA
9.8
10.5
12.0
V
IAUX_CLIM
Auxiliary
current limit
—
10
—
32
mA
VREF
Bias current
reference
voltage
—
1.17
1.2
1.23
V
VFLAG_LO
Low level flag
For AT_FLAG,
HD_FLAG,
4P_AT_FLAG,
4P_HD_FLAG,
IFLAG = 3 mA
—
—
0.4
V
VPGOOD_LO
Power good,
active low
voltage
IPGOOD = 3 mA
PD70210 only
—
—
0.4
V
tFLAG
Delay timer
between start
of inrush and
flags declared
For AT_FLAG,
HD_FLAG,
4P_AT_FLAG,
4P_HD_FLAG
80
—
—
ms
tPGOOD
Delay timer
between start
of inrush and
power good
declared
PD70210 only
80
—
—
ms
IFLAG_max
Flag current
driving
capability
For AT_FLAG,
HD_FLAG,
4P_AT_FLAG,
4P_HD_FLAG
5
—
—
mA
IPGOOD_max
Power good
current
capability
PD70210 only
5
—
—
mA
PD70210/PD70210A/PD70210AL
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS00003695A-page 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com