Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70201 Datasheet(PDF) 10 Page - Microchip Technology

Part # PD70201
Description  Front-End PD Interface Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70201 Datasheet(HTML) 10 Page - Microchip Technology

Back Button PD70201 Datasheet HTML 6Page - Microchip Technology PD70201 Datasheet HTML 7Page - Microchip Technology PD70201 Datasheet HTML 8Page - Microchip Technology PD70201 Datasheet HTML 9Page - Microchip Technology PD70201 Datasheet HTML 10Page - Microchip Technology PD70201 Datasheet HTML 11Page - Microchip Technology PD70201 Datasheet HTML 12Page - Microchip Technology PD70201 Datasheet HTML 13Page - Microchip Technology PD70201 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
2.
Electrical Specifications
Unless otherwise specified under conditions, the minimum and maximum ratings stated apply over the entire
specified operating rating of the device. Typical values are obtained either by design or by production testing at 25 °C
ambient. Voltages are with respect to IC ground (VPN_IN).
Table 2-1. Input Voltage
Symbol
Parameter
Conditions
Typical
Maximum
Unit
IIN
IC input current
with ICLASS off
VPP = 55 V
1
3
mA
Table 2-2. Detection Phase
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
VDET
Detection range
—
1.1
—
10.1
V
RDET_TH
RDET disconnect
threshold
—
10.1
—
12.8
V
RDS_DET_ON
On-resistance of
internal FET
during detection
—
—
—
50
Ω
RDS_DET_OFF
Off-resistance of
internal FET
after detection
—
2
—
—
MΩ
IOFFSET_DET
Input offset
current
1.1 V ≤ VPP ≤
10.1 V
TJ ≤ 85 °C
—
—
5
μA
VR_DET_ON
RDET
reconnection
threshold when
VPP goes low
—
2.8
3.0
4.85
V
Table 2-3. Classification Phase
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
VCLS_ON
Classification
sink turn-on
threshold
—
11.4
—
13.7
V
VCLS_OFF
Classification
sink turn-off
threshold
—
20.9
—
23.9
V
VHYS_CLS_ON
Hysteresis of
VCLS_ON
threshold
—
—
1
—
V
VMARK_TH
Mark detection
threshold
(VPP falling)
—
10.1
—
11.4
V
IMARK
Current sink in
mark event
region
—
0.25
—
4
mA
PD70210/PD70210A/PD70210AL
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS00003695A-page 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com