Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDLA-3416 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HDLA-3416
Description  Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDLA-3416 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HDLA-3416 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Electrical/Optical Characteristics over Operating Temperature Range
4.5 < VDD < 5.5 V (unless otherwise specified)
All Devices
25
°C[1]
Parameter
Symbol
Min.
Typ.
Max.
Max.
Units
Test Conditions
IDD Blank
IDD (blnk)
1.0
4.0
mA
All Digits Blanked
Input Current
II
-40
10
µAV
IN = 0 V to VDD
VDD = 5.0 V
Input Voltage High
VIH
2.0
VDD
V
Input Voltage Low
VIL
GND
0.8
V
IDD 4 Digits 20 dots/
IDD (#)
110
130
160
mA
“#” ON in all four
character[2,3]
locations
IDD Cursor all dots
IDD (CU)
92
110
135
mA
Cursor ON in all
ON @ 50%
four locations
Notes:
1. VDD = 5.0 V
2. Average IDD measured at full brightness. Peak IDD = 28/15 x Average IDD (#).
3. IDD (#) max. = 130 mA, 150°C IC junction temperature and VDD = 5.5 V.
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Units
Supply Voltage
VDD
4.5
5.0
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com