Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDLA-3416 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HDLA-3416
Description  Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDLA-3416 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HDLA-3416 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Optical Characteristics at 25
°C[1]
VDD = 5.0 V at Full Brightness
High Efficiency Red HDLO-3416
Parameter
Symbol
Min.
Typ.
Units
Test Conditions
Average Luminous Intensity
IV
1.2
3.5
mcd
“*” illuminated in all four digits.
per digit, Character Average
19 dots ON per digit.
Peak Wavelength
λ
PEAK
635
nm
Dominant Wavelength[2]
λ
D
626
nm
Orange HDLA-3416
Parameter
Symbol
Min.
Typ.
Units
Test Conditions
Average Luminous Intensity
IV
1.2
3.5
mcd
“*” illuminated in all four digits.
per digit, Character Average
19 dots ON per digit.
Peak Wavelength
λ
PEAK
600
nm
Dominant Wavelength[2]
λ
D
602
nm
Yellow HDLY-3416
Parameter
Symbol
Min.
Typ.
Units
Test Conditions
Average Luminous Intensity
IV
1.2
3.7
mcd
“*” illuminated in all four digits.
per digit, Character Average
19 dots ON per digit.
Peak Wavelength
λ
PEAK
583
nm
Dominant Wavelength[2]
λ
D
585
nm
Green HDLG-3416
Parameter
Symbol
Min.
Typ.
Units
Test Conditions
Average Luminous Intensity
IV
1.2
5.6
mcd
“*” illuminated in all four digits.
per digit, Character Average
19 dots ON per digit.
Peak Wavelength
λ
PEAK
568
nm
Dominant Wavelength[2]
λ
D
574
nm
Notes:
1. Refers to the initial case temperature of the device immediately prior to the light measurement.
2. Dominant wavelength,
λ
D, is derived from the CIE chromaticity diagram, and represents the single wavelength which defines the color
of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com