Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDLA-3416 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HDLA-3416
Description  Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDLA-3416 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HDLA-3416 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Electrical Description
Pin Function
Description
Chip Enable (CE1
CE1 and CE2 must be a logic 0 to write to the
and CE2, pins
display.
3 and 4)
Clear
When CLR is a logic 0 the ASCII RAM is reset
(CLR, pin 5)
to 20hex (space) and the Control Register/
Attribute RAM is reset to 00hex.
Cursor Enable
CUE determines whether the IC displays the
(CUE pin 11)
ASCII or the Cursor memory. (1 = Cursor,
0 = ASCII.)
Cursor Select
CU determines whether data is stored in the
(CU, pin 10)
ASCII RAM or the Attribute RAM/Control
Register. (1 = ASCII, 0 = Attribute RAM/
Control Register.)
Write
WR must be a logic 0 to store data in the
(WR, pin 9)
display.
Address Inputs
A0-A1 selects a specific location in the display
(A1 and A0, pins
memory. Address 00 accesses the far right
7 and 8)
display location. Address 11 accesses the far
left location.
Data Inputs (D0-D6,D0-D6 are used to specify the input data for
pins 16 – 22)
the display.
VDD (pin 6)
VDD is the positive power supply input.
GND (pin 12)
GND is the display ground.
Blanking Input
BL is used to flash the display, blank the
(BL, pin 14)
display or to dim the display.
Display Internal Block
Diagram
Figure 1 shows the HDLX-3416
display internal block diagram.
The CMOS IC consists of a 4 x 7
Character RAM, a 2 x 4 Attribute
RAM, a 5 bit Control Register, a
128 character ASCII decoder and
the refresh circuitry necessary
to synchronize the decoding and
driving of four 5 x 7 dot matrix
displays.
Four 7 bit ASCII words are stored
in the Character RAM. The IC
reads the ASCII data and decodes
it via the 128 character ASCII
decoder. The ASCII decoder
includes the 64 character set of
the HPDL-2416, 32 lower case
ASCII symbols, and 32 foreign
language symbols.
A 5 bit word is stored in the
Control Register. Three fields
within the Control Register
provide an 8 level brightness
control, master blank, and
extended functions disable.
For each display digit location,
two bits are stored in the Attribute
RAM. One bit is used to enable
a cursor character at each digit
location. A second bit is used to
individually disable the blanking
features at each digit location.
The display is blanked and
dimmed through an internal
blanking input on the row drivers.
Logic within the IC allows the user
to dim the display either through
the BL input or through the
brightness control in the control
register. Similarly the display can
be blanked through the BL input,
the Master Blank in the Control
Register, or the Digit Blank
Disable in the Attribute RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com