Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDLA-3416 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HDLA-3416
Description  Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDLA-3416 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HDLA-3416 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Absolute Maximum Ratings
Supply Voltage, V
DD to Ground
[1] ...................................... -0.5 V to 7.0 V
Input Voltage, Any Pin to Ground .......................... -0.5 V to V
DD + 0.5 V
Free Air Operating Temperature Range, T
A ..................... -40°C to +85°C
Storage Temperature, T
S ................................................. -40°C to +85°C
CMOS IC Junction Temperature, T
J (IC) .................................... +150°C
Relative Humidity (non-condensing) at 65
°C.................................... 85%
Wave Solder Temperature,
1.59 mm (0.063 in.) below Body .............................. 250
°C for 3 secs
ESD Protection, R = 1.5 k
Ω, C = 100 pF .............. V
Z = 1 kV (each pin)
Note:
1. Maximum Voltage is with no LEDs illuminated.
Package Dimensions
32.77
(1.290)
8.26
(0.325)
10.03
(0.395)
20.07
(0.790)
6.86
(0.270)
4.45
(0.175)
0.51
(0.020)
TYP.
8.64
(0.340)
2.54
(0.100)
TYP.
4.06
(0.160)
10.16
(0.400)
2.41
(0.095)
TYP.
0.38
(0.015)
15.24
(0.600)
0.25
(0.010)
TYP.
NOTES:
1. UNLESS OTHERWISE SPECIFIED, THE TOLERANCE ON ALL
DIMENSIONS IS ± 0.254 mm (± 0.010).
2. ALL DIMENSIONS ARE IN MILLIMETERS (INCHES).
PIN 1 IDENTIFIER
PIN NO.
FUNCTION
PIN NO.
FUNCTION
1
2
3
4
5
6
7
8
9
10
11
NO CONNECT
NO CONNECT
CE1
CE2
CLR
VDD
A0
A1
WR
CU
CUE
12
13
14
15
16
17
18
19
20
21
22
GROUND
NO CONNECT
BL
NO CONNECT
D0
D1
D2
D3
D4
D5
D6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com