Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDLA-3416 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HDLA-3416
Description  Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDLA-3416 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HDLA-3416 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
strobing the blank input). All of
these blanking modes affect only
the output drivers, maintaining
the contents and write capability
of the internal RAMs and Control
Register, so that normal loading
of RAMs and Control Register can
take place even with the display
blanked.
Figure 3 shows how the Extended
Function Disable (bit D
6 of the
Control Register), Master Blank
(bit D
2 of the Control Register),
Digit Blank Disable (bit D
1 of the
Attribute RAM), and BL input can
be used to blank the display.
When the Extended Function
Disable is a logic 1, the display
can be blanked only with the
BL input. When the Extended
Function Disable is a logic 0, the
display can be blanked through
the BL input, the Master Blank,
and the Digit Blank Disable. The
entire display will be blanked if
either the BL input is logic 0 or
the Master Blank is logic 1, pro-
viding all Digit Blank Disable
bits are logic 0. Those digits with
Digit Blank Disable bits a logic 1
will ignore both blank signals
and remain ON. The Digit Blank
Disable bits allow individual
characters to be blanked or
flashed in synchronization with
the BL input.
Table 1. Current Requirements at Different Brightness Levels
Symbol D5 D4 D3
Brightness
25
°C Typ.
25
°C Max.
Max. over Temp. Units
IDD(#)
0
0
0
100%
110
130
160
mA
0
0
1
60%
66
79
98
mA
0
1
0
40%
45
53
66
mA
0
1
1
27%
30
37
46
mA
1
0
0
17%
20
24
31
mA
1
0
1
10%
12
15
20
mA
110
7%
9
11
15
mA
111
3%
4
6
9
mA
EFD
MB
DBDn
BL
00
00
00
X
1
0X
1
0
01
0
X
01
11
1X
X0
1X
X1
–Display Blanked by BL
–Display ON
–Display Blanked by BL.
Individual Characters “ON”
based on “1” being stored in DBDn
–Display Blanked by MB
–Display Blanked by MB.
Individual characters “ON”
based on “1” being stored in DBDn
–Display Blanked by BL
–Display ON
Dimming
Dimming of the display is con-
trolled through either the BL
input or the Control Register. A
pulse width modulated signal can
be applied to the BL input to dim
the display. A three bit word in
the Control Register generates an
internal pulse width modulated
signal to dim the display. The
internal dimming feature is
enabled only if the Extended
Function Disable is a logic 0.
Figure 3. Display Blanking Truth Table.
Bits 3–5 in the Control Register
provide internal brightness
control. These bits are interpreted
as a three bit binary code, with
code (000) corresponding to the
maximum brightness and code
(111) to the minimum brightness.
In addition to varying the display
brightness, bits 3–5 also vary the
average value of I
DD. IDD can be
specified at any brightness level
as shown in Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com