Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDLA-3416 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HDLA-3416
Description  Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDLA-3416 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HDLA-3416 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDLA-3416 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
AC Timing Characteristics over Operating
Temperature Range at VDD = 4.5 V
Parameter
Symbol
Min.
Units
Address Setup
tAS
10
ns
Address Hold
tAH
40
ns
Data Setup
tDS
50
ns
Data Hold
tDH
40
ns
Chip Enable Setup
tCES
0ns
Chip Enable Hold
tCEH
0ns
Write Time
tW
75
ns
Clear
tCLR
10
µs
Clear Disable
tCLRD
1
µs
Timing Diagram
Enlarged Character Font
CE1
tCES
tAS
tW
tAH
tCEH
2.0 V
0.8 V
2.0 V
0.8 V
2.0 V
0.8 V
2.0 V
0.8 V
tDS
tDH
tCLRD
tCLR
2.0 V
0.8 V
CE2
A0 – A1, CU
WR
D0 – D6
CLR
1.05 (0.041)
TYP.
6.9 (0.27)
TYP.
1.09 (0.043)
TYP.
0.25 (0.010)
TYP.
4.4 (0.175)
TYP.
NOTES:
1. UNLESS OTHERWISE SPECIFIED, THE TOLERANCE
ON ALL DIMENSIONS IS ± 0.254 mm (0.010").
2. DIMENSIONS ARE IN MILLIMETERS (INCHES).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com