Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC779 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # P87LPC779
Description  CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC779 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button P87LPC779 Datasheet HTML 39Page - NXP Semiconductors P87LPC779 Datasheet HTML 40Page - NXP Semiconductors P87LPC779 Datasheet HTML 41Page - NXP Semiconductors P87LPC779 Datasheet HTML 42Page - NXP Semiconductors P87LPC779 Datasheet HTML 43Page - NXP Semiconductors P87LPC779 Datasheet HTML 44Page - NXP Semiconductors P87LPC779 Datasheet HTML 45Page - NXP Semiconductors P87LPC779 Datasheet HTML 46Page - NXP Semiconductors P87LPC779 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 74 page
background image
Philips Semiconductors
P87LPC779
CMOS single-chip 8-bit microcontroller
Product data
Rev. 02 — 03 May 2004
43 of 74
9397 750 13213
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.14.2
Mode 1
Mode 1 is the same as Mode 0, except that all 16 bits of the timer register (THn and
TLn) are used. See Figure 20.
8.14.3
Mode 2
Mode 2 configures the Timer register as an 8-bit Counter (TL1) with automatic reload,
as shown in Figure 21. Overflow from TLn not only sets TFn, but also reloads TLn
with the contents of THn, which must be preset by software. The reload leaves THn
unchanged. Mode 2 operation is the same for Timer0 and Timer1.
8.14.4
Mode 3
When Timer1 is in Mode 3 it is stopped. The effect is the same as setting TR1 = 0.
Timer0 in Mode 3 establishes TL0 and TH0 as two separate 8-bit counters. The logic
for Mode 3 on Timer0 is shown in Figure 22. TL0 uses the Timer0 control bits: C/T,
GATE, TR0, INT0, and TF0. TH0 is locked into a timer function (counting machine
cycles) and takes over the use of TR1 and TF1 from Timer1. Thus, TH0 now controls
the ‘Timer1’ interrupt.
Mode 3 is provided for applications that require an extra 8-bit timer. With Timer0 in
Mode 3, an P87LPC779 can look like it has three Timer/Counters. When Timer0 is in
Mode 3, Timer1 can be turned on and off by switching it into and out of its own Mode
3. It can still be used by the serial port as a baud rate generator, or in any application
not requiring an interrupt.
Table 34:
TCON - Timer/counter control register (address 88H) bit allocation
Bit addressable; Reset value: 00H
Bit
7
6
5
4
3
2
1
0
Symbol
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
Table 35:
TCON - Timer/counter control register (address 88H) bit description
Bit
Symbol
Description
7
TF1
Timer1 overflow flag. Set by hardware on Timer/Counter overflow.
Cleared by hardware when the interrupt is processed, or by
software.
6
TR1
Timer1 Run control bit. Set/cleared by software to turn
Timer/Counter 1 on/off.
5
TF0
Timer0 overflow flag. Set by hardware on Timer/Counter overflow.
Cleared by hardware when the processor vectors to the interrupt
routine, or by software.
4
TR0
Timer0 Run control bit. Set/cleared by software to turn
Timer/Counter 0 on/off.
3
IE1
Interrupt 1 Edge flag. Set by hardware when external interrupt 1
edge is detected. Cleared by hardware when the interrupt is
processed, or by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com