Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC779 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # P87LPC779
Description  CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC779 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button P87LPC779 Datasheet HTML 12Page - NXP Semiconductors P87LPC779 Datasheet HTML 13Page - NXP Semiconductors P87LPC779 Datasheet HTML 14Page - NXP Semiconductors P87LPC779 Datasheet HTML 15Page - NXP Semiconductors P87LPC779 Datasheet HTML 16Page - NXP Semiconductors P87LPC779 Datasheet HTML 17Page - NXP Semiconductors P87LPC779 Datasheet HTML 18Page - NXP Semiconductors P87LPC779 Datasheet HTML 19Page - NXP Semiconductors P87LPC779 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 74 page
background image
Philips Semiconductors
P87LPC779
CMOS single-chip 8-bit microcontroller
Product data
Rev. 02 — 03 May 2004
16 of 74
9397 750 13213
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
When an A/D conversion is started, Power-down or Idle mode must be activated
within two machine cycles in order to have the most accurate A/D result. These two
machine cycles are counted at the CPU clock rate. When using the A/D with either
Power-down or Idle mode, care must be taken to insure that the CPU is not restarted
by another interrupt until the A/D conversion is complete. The possible causes of
wake-up are different in Power-down and Idle modes.
A/D accuracy is also affected by noise generated elsewhere in the application, power
supply noise, and power supply regulation. Since the P87LPC779 power pins are
also used as the A/D reference and supply, the power supply has a very direct affect
on the accuracy of A/D readings. Using the A/D without Power-down mode while the
clock is divided through the use of CLKR or DIVM has an adverse effect on A/D
accuracy.
8.4.2
Code examples for the A/D
The first piece of sample code shows an example of port configuration for use with
the A/D. This example sets up the pins so that all four A/D channels may be used.
Port configuration for analog functions is described in Section 8.2 “Analog functions”
on page 12.
; Set up port pins for A/D conversion, without affecting other pins.
mov
PT0AD,#78h
; Disable digital inputs on A/D input pins.
anl
P0M2,#87h
; Disable digital outputs on A/D input pins.
orl
P0M1,#78h
; Disable digital outputs on A/D input pins.
Following is an example of using the A/D with interrupts. The routine ADStart begins
an A/D conversion using the A/D channel number supplied in the accumulator. The
channel number is not checked for validity. The A/D must previously have been
enabled with sufficient time to allow for stabilization.
The interrupt handler routine reads the conversion value and returns it in memory
address ADResult. The interrupt should be enabled prior to starting the conversion.
; Start A/D conversion.
ADStart:
orl
ADCON,A
; Add in the new channel number.
setb
ADCS
; Start an A/D conversion.
; orl
PCON,#01h
; The CPU could be put into Idle mode here.
; orl
PCON,#02h
; The CPU could be put into Power-down mode here if
RCCLK = 1.
ret
; A/D interrupt handler.
ADInt:
push
ACC
; Save accumulator.
mov
A,DAC0
; Get A/D result, by reading DAC0 SFR
mov
ADResult,A
; and save it in memory.
clr
ADCI
; Clear the A/D completion flag.
anl
ADCON,#0fch ; Clear the A/D channel number.
pop
ACC
; Restore accumulator.
ret
Following is an example of using the A/D with polling. An A/D conversion is started
using the channel number supplied in the accumulator. The channel number is not
checked for validity. The A/D must previously have been enabled with sufficient time
to allow for stabilization. The conversion result is returned in the accumulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com