Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC779 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # P87LPC779
Description  CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC779 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button P87LPC779 Datasheet HTML 65Page - NXP Semiconductors P87LPC779 Datasheet HTML 66Page - NXP Semiconductors P87LPC779 Datasheet HTML 67Page - NXP Semiconductors P87LPC779 Datasheet HTML 68Page - NXP Semiconductors P87LPC779 Datasheet HTML 69Page - NXP Semiconductors P87LPC779 Datasheet HTML 70Page - NXP Semiconductors P87LPC779 Datasheet HTML 71Page - NXP Semiconductors P87LPC779 Datasheet HTML 72Page - NXP Semiconductors P87LPC779 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 74 page
background image
Philips Semiconductors
P87LPC779
CMOS single-chip 8-bit microcontroller
Product data
Rev. 02 — 03 May 2004
69 of 74
9397 750 13213
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
11. Dynamic characteristics
[1]
Applies only to an external clock source, not when a crystal is connected to the X1 and X2 pins.
[2]
Tested at VDD = 5.0 V and room temperature.
[3]
These parameters are characterized but not tested.
[4]
These parameters are for 0
°C to +70 °C
Table 57:
AC electrical characteristics
VDD = 2.7 V to 5.5 V unless otherwise specified; VSS = 0 V.[1][2][3]
Tamb = −40 °C to +85 °C for extended industrial, unless otherwise specified.
Symbol
Figure
Parameter
Min
Max
Unit
External Clock
fC
30
Oscillator frequency (VDD = 4.0 V to 6.0 V)
0
20
MHz
fC
30
Oscillator frequency (VDD = 2.7 V to 6.0 V)
0
10
MHz
tC
30
Clock period and CPU timing cycle
1/fC
-ns
tCLCX
30
Clock low-time[1]
fosc = 20 MHz
20
-
ns
tCLCX
30
fosc = 10 MHz
40
-
ns
tCHCX
30
Clock high time[1]
fosc = 20 MHz
20
-
ns
tCHCX
30
fosc = 10 MHz
40
-
ns
Internal RC Oscillator
fCCAL
On-chip oscillator calibration[2]
fRCOSC = 6 MHz
−1+1
%
fCTOL
On-chip oscillator tolerance[3][4]
fRCOSC = 6 MHz
−2.5
+2.5
%
fCTOL1
On-chip oscillator tolerance[3]
fRCOSC = 6 MHz
−25
+25
%
Shift Register
tXLXL
29
Serial port clock cycle time
6tC
-ns
tQVXH
29
Output data setup to clock rising edge
5tC − 133
-
ns
tXHQX
29
Output data hold after clock rising edge
1tC − 80
-
ns
tXHDV
29
Input data setup to clock rising edge
-
5tC − 133
ns
tXHDX
29
Input data hold after clock rising edge
0
-
ns
Fig 29. Shift register mode timing.
0
1
23
45
6
7
Valid
Valid
Valid
Valid
Valid
Valid
Valid
Valid
tXLXL
002aaa425
Set TI
Set RI
tXHQX
tQVXH
tXHDV
tXHDX
Clock
Output Data
Write to SBUF
Input Data
Clear RI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com