Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC779 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # P87LPC779
Description  CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC779 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button P87LPC779 Datasheet HTML 40Page - NXP Semiconductors P87LPC779 Datasheet HTML 41Page - NXP Semiconductors P87LPC779 Datasheet HTML 42Page - NXP Semiconductors P87LPC779 Datasheet HTML 43Page - NXP Semiconductors P87LPC779 Datasheet HTML 44Page - NXP Semiconductors P87LPC779 Datasheet HTML 45Page - NXP Semiconductors P87LPC779 Datasheet HTML 46Page - NXP Semiconductors P87LPC779 Datasheet HTML 47Page - NXP Semiconductors P87LPC779 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 74 page
background image
Philips Semiconductors
P87LPC779
CMOS single-chip 8-bit microcontroller
Product data
Rev. 02 — 03 May 2004
44 of 74
9397 750 13213
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
2
IT1
Interrupt 1 Type control bit. Set/cleared by software to specify
falling edge/low level triggered external interrupts.
1
IE0
Interrupt 0 Edge flag. Set by hardware when external interrupt 0
edge is detected. Cleared by hardware when the interrupt is
processed, or by software.
0
IT0
Interrupt 0 Type control bit. Set/cleared by software to specify
falling edge/low level triggered external interrupts.
Table 35:
TCON - Timer/counter control register (address 88H) bit description
Bit
Symbol
Description
Fig 19. Timer/counter 0 or 1 in Mode 0 (13-bit counter).
002aaa637
Osc/6
or Osc/12
Tn pin
TRn
Gate
INTn pin
C/T = 0
C/T = 1
TLn
(5-bits)
THn
(8-bits)
TFn
control
TnOE
Tn pin
toggle
overflow
interrupt
Fig 20. Timer/counter 0 or 1 in Mode 1 (16-bit counter).
002aaa638
Osc/6
or Osc/12
Tn pin
TRn
Gate
INTn pin
C/T = 0
C/T = 1
TLn
(8-bits)
THn
(8-bits)
TFn
control
TnOE
Tn pin
toggle
overflow
interrupt
Fig 21. Timer/counter 0 or 1 in Mode 2 (8-bit auto-reload).
002aaa639
Osc/6
or Osc/12
Tn pin
TRn
Gate
INTn pin
C/T = 0
C/T = 1
TLn
(8-bits)
THn
(8-bits)
TFn
control
Tine
Tn pin
toggle
overflow
interrupt
reload



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com