Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC779 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # P87LPC779
Description  CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC779 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button P87LPC779 Datasheet HTML 55Page - NXP Semiconductors P87LPC779 Datasheet HTML 56Page - NXP Semiconductors P87LPC779 Datasheet HTML 57Page - NXP Semiconductors P87LPC779 Datasheet HTML 58Page - NXP Semiconductors P87LPC779 Datasheet HTML 59Page - NXP Semiconductors P87LPC779 Datasheet HTML 60Page - NXP Semiconductors P87LPC779 Datasheet HTML 61Page - NXP Semiconductors P87LPC779 Datasheet HTML 62Page - NXP Semiconductors P87LPC779 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 74 page
background image
Philips Semiconductors
P87LPC779
CMOS single-chip 8-bit microcontroller
Product data
Rev. 02 — 03 May 2004
59 of 74
9397 750 13213
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.16.1
Watchdog feed sequence
If the Watchdog timer is running, it must be fed before it times out in order to prevent
a chip reset from occurring. The Watchdog feed sequence consists of first writing the
value 1Eh, then the value E1h to the WDRST register. An example of a Watchdog
feed sequence is shown below.
WDFeed:
mov
WDRST,#1eh
; First part of Watchdog feed sequence.
mov
WDRST,#0e1h
; Second part of Watchdog feed sequence.
The two writes to WDRST do not have to occur in consecutive instructions. An
incorrect Watchdog feed sequence does not cause any immediate response from the
Watchdog timer, which will still time out at the originally scheduled time if a correct
feed sequence does not occur prior to that time.
After a chip reset, the user program has a limited time in which to either feed the
Watchdog timer or change the timeout period. When a low CPU clock frequency is
used in the application, the number of instructions that can be executed before the
Watchdog overflows may be quite small.
8.16.2
Watchdog reset
If a Watchdog reset occurs, the internal reset is active for approximately one
microsecond. If the CPU clock was still running, code execution will begin
immediately after that. If the processor was in Power-down mode, the Watchdog reset
will start the oscillator and code execution will resume after the oscillator is stable.
Table 43:
WDCON - Watchdog timer control register (address A7H) bit allocation
Not bit addressable; Reset value: 30H for a Watchdog reset; 10H for other reset sources if the
Watchdog is enabled via the WDTE configuration bit; 00H for other reset sources if the
Watchdog is disabled via the WDTE configuration bit.
Bit
7
6
5
4
3
2
1
0
Symbol
-
-
WDOVF
WDRUN
WDCLK
WDS2
WDS1
WDS0
Table 44:
WDCON - Watchdog timer control register (address A7H) bit description
Bit
Symbol
Description
7, 6
-
Reserved for future use. Should not be set to ‘1’ by user programs.
5
WDOVF
Watchdog timer overflow flag. Set when a Watchdog reset or timer
overflow occurs. Cleared when the Watchdog is fed.
4
WDRUN
Watchdog run control. The Watchdog timer is started when
WDRUN = 1 and stopped when WDRUN = 0. This bit is forced to
‘1’ (Watchdog running) if the WDTE configuration bit = 1.
3
WDCLK
Watchdog clock select. The Watchdog timer is clocked by CPU
clock / 6 when WDCLK = 1 and by the Watchdog RC oscillator
when WDCLK = 0. This bit is forced to ‘0’ (using the Watchdog RC
oscillator) if the WDTE configuration bit = 1.
2-0
WDS2-0
Watchdog rate select.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com