Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC779 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # P87LPC779
Description  CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC779 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button P87LPC779 Datasheet HTML 10Page - NXP Semiconductors P87LPC779 Datasheet HTML 11Page - NXP Semiconductors P87LPC779 Datasheet HTML 12Page - NXP Semiconductors P87LPC779 Datasheet HTML 13Page - NXP Semiconductors P87LPC779 Datasheet HTML 14Page - NXP Semiconductors P87LPC779 Datasheet HTML 15Page - NXP Semiconductors P87LPC779 Datasheet HTML 16Page - NXP Semiconductors P87LPC779 Datasheet HTML 17Page - NXP Semiconductors P87LPC779 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 74 page
background image
Philips Semiconductors
P87LPC779
CMOS single-chip 8-bit microcontroller
Product data
Rev. 02 — 03 May 2004
14 of 74
9397 750 13213
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.4 A/D timing
The A/D may be clocked in one of two ways. The default is to use the CPU clock as
the A/D clock source. When used in this manner, the A/D completes a conversion in
31 machine cycles. The A/D may be operated up to the maximum CPU clock rate of
20 MHz, giving a conversion time of 9.3
µs. The formula for calculating A/D
conversion time when the CPU clock runs the A/D is: 186
µs / CPU clock rate
(in MHz). To obtain accurate A/D conversion results, the CPU clock must be at least
1 MHz.
The A/D may also be clocked by the on-chip RC oscillator, even if the RC oscillator is
not used as the CPU clock. This is accomplished by setting the RCCLK bit in
ADCON. This arrangement has several advantages. First, the A/D conversion time is
faster at lower CPU clock rates. Also, the CPU may be run at speeds below 1 MHz
without affecting A/D accuracy. Finally, the Power-down mode may be used to
completely shut down the CPU and its oscillator, along with other peripheral
functions, in order to obtain the best possible A/D accuracy.
4
ADCI
A/D conversion complete/interrupt flag. This flag is set when an
A/D conversion is completed. This bit will cause a hardware
interrupt if enabled and of sufficient priority. Must be cleared by
software.
3
ADCS
A/D start. Setting this bit by software starts the conversion of the
selected A/D input. ADCS remains set while the A/D conversion is
in progress and is cleared automatically upon completion. While
ADCS or ADCI are one, new start commands are ignored. See
Table 6.
2
RCCLK
When RCCLK = 0, the CPU clock is used as the A/D clock. When
RCCLK = 1, the internal RC oscillator is used as the A/D clock.
This bit is writable while ADCS and ADCI are 0.
1, 0
AADR1, 0
Along with AADR0, selects the A/D channel to be converted.
These bits can only be written while ADCS and ADCI are 0. See
Table 7.
Table 6:
ADCON - ADCI, ADCS A/D status
ADCI, ADCS
A/D status
0 0
A/D not busy, a conversion can be started
0 1
A/D busy, the start of a new conversion is blocked.
1 0
An A/D conversion is complete. ADCI must be cleared prior to starting a
new conversion.
1 1
An A/D conversion is complete. ADCI must be cleared prior to starting a
new conversion. This state exists for one machine cycle as an A/D
conversion is completed.
Table 7:
ADCON - AADR1, AADR0 A/D input selection
AADR1, AADR0
A/D input selected
0 0
AD0 (P0.3)
0 1
AD1 (P0.4)
Table 5:
ADCON - A/D control register (address C0h) bit description…continued
Bit
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com