Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 346 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 346 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 342Page - Renesas Technology Corp SH7041A Datasheet HTML 343Page - Renesas Technology Corp SH7041A Datasheet HTML 344Page - Renesas Technology Corp SH7041A Datasheet HTML 345Page - Renesas Technology Corp SH7041A Datasheet HTML 346Page - Renesas Technology Corp SH7041A Datasheet HTML 347Page - Renesas Technology Corp SH7041A Datasheet HTML 348Page - Renesas Technology Corp SH7041A Datasheet HTML 349Page - Renesas Technology Corp SH7041A Datasheet HTML 350Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 923 page
background image
308
• Bit 3—TGR Interrupt Enable D (TGIED): Enables or disables interrupt TGFD requests when
the TGFD bit of the channel 0, 3, 4 TSR register is set to 1.
This bit is reserved for channels 1 and 2. It always reads as 1. The write value should always
be 1.
Bit 3: TGIED
Description
0
Disable interrupt requests (TGID) due to the TGFD bit (initial value)
1
Enable interrupt requests (TGID) due to the TGFD bit
• Bit 2—TGR Interrupt Enable C (TGIEC): Enables or disables TGFC interrupt requests when
the TGFC bit of the channel 0, 3, 4 TSR register is set to 1.
This bit is reserved for channels 1 and 2. It always reads as 1. The write value should always
be 1.
Bit 2: TGIEC
Description
0
Disable interrupt requests (TGIC) due to the TGFC bit (initial value)
1
Enable interrupt requests (TGIC) due to the TGFC bit
• Bit 1—TGR Interrupt Enable B (TGIEB): Enables or disables TGFB interrupt requests when
the TGFB bit of the TSR register is set to 1.
Bit 1: TGIEB
Description
0
Disable interrupt requests (TGIB) due to the TGFB bit (initial value)
1
Enable interrupt requests (TGIB) due to the TGFB bit
• Bit 0—TGR Interrupt Enable A (TGIEA): Enables or disables TGFA interrupt requests when
the TGFA bit of the TSR register is set to 1.
Bit 0: TGIEA
Description
0
Disable interrupt requests (TGIA) due to the TGFA bit (initial value)
1
Enable interrupt requests (TGIA) due to the TGFA bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com