Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 347 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 347 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 343Page - Renesas Technology Corp SH7041A Datasheet HTML 344Page - Renesas Technology Corp SH7041A Datasheet HTML 345Page - Renesas Technology Corp SH7041A Datasheet HTML 346Page - Renesas Technology Corp SH7041A Datasheet HTML 347Page - Renesas Technology Corp SH7041A Datasheet HTML 348Page - Renesas Technology Corp SH7041A Datasheet HTML 349Page - Renesas Technology Corp SH7041A Datasheet HTML 350Page - Renesas Technology Corp SH7041A Datasheet HTML 351Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 923 page
background image
309
12.2.5
Timer Status Register (TSR)
The timer status register (TSR) is an 8-bit register that indicates the status of each channel. The
MTU has five TSR registers, one each for channel. TSR is initialized to H'C0 by a power-on reset
or by standby mode. This register is not initialized by a manual reset.
Channel 0: TSR0:
Bit:
7
6
5
4
3
2
1
0
—
—
—
TCFV
TGFD
TGFC
TGFB
TGFA
Initial value:
1
1
0
0
0
0
0
0
R/W:
R
R
R
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R/(W)*
Note: * Only 0 writes to clear the flags are possible.
Channels 1, 2: TSR1, TSR2:
Bit:
7
6
5
4
3
2
1
0
TCFD
—
TCFU
TCFV
—
—
TGFB
TGFA
Initial value:
1
1
0
0
0
0
0
0
R/W:
R
R
R/(W)*
R/(W)*
R
R
R/(W)*
R/(W)*
Note: * Only 0 writes to clear the flags are possible.
Channels 3, 4: TSR3, TSR4:
Bit:
7
6
5
4
3
2
1
0
TCFD
—
—
TCFV
TGFD
TGFC
TGFB
TGFA
Initial value:
1
1
0
0
0
0
0
0
R/W:
R
R
R
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R/(W)*
Note: * Only 0 writes to clear the flags are possible.
• Bit 7—Count Direction Flag (TCFD): This status flag indicates the count direction of the
channel 1, 2, 3, 4 TCNT counters.
This bit is reserved in channel 0. This bit always reads as 1. The write value should always be
1.
Bit 7: TCFD
Description
0
TCNT counts down
1
TCNT counts up (initial value)
• Bit 6—Reserved: This bit always reads as 1. The write value should always be 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com