Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 349 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 349 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 345Page - Renesas Technology Corp SH7041A Datasheet HTML 346Page - Renesas Technology Corp SH7041A Datasheet HTML 347Page - Renesas Technology Corp SH7041A Datasheet HTML 348Page - Renesas Technology Corp SH7041A Datasheet HTML 349Page - Renesas Technology Corp SH7041A Datasheet HTML 350Page - Renesas Technology Corp SH7041A Datasheet HTML 351Page - Renesas Technology Corp SH7041A Datasheet HTML 352Page - Renesas Technology Corp SH7041A Datasheet HTML 353Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 923 page
background image
311
• Bit 2—Input Capture/Output Compare Flag C (TGFC): This status flag indicates the
occurrence of a channel 0, 3, or 4 TGRC register input capture or compare-match.
This bit is reserved for channels 1 and 2. It always reads as 0. The write value should always
be 0.
Bit 2: TGFC
Description
0
Clear condition:
With TGFC = 1, a 0 write to TGFC following a read (Cleared by DTC
transfer due to TGFC) (initial value)
1
Set conditions:
• When TGRC is functioning as an output compare register
(TCNT = TGRC)
• When TGRC is functioning as input capture (the TCNT value is sent
to TGRC by the input capture signal)
• Bit 1—Input Capture/Output Compare Flag B (TGFB): This status flag indicates the
occurrence of a TGRB register input capture or compare-match.
Bit 1: TGFB
Description
0
Clear condition: With TGFB = 1, a 0 write to TGFB following a read
(Cleared by DTC transfer due to TGFB) (initial value)
1
Set conditions:
• When TGRB is functioning as an output compare register
(TCNT = TGRB)
• When TGRB is functioning as input capture (the TCNT value is sent
to TGRB by the input capture signal)
• Bit 0—Input Capture/Output Compare Flag A (TGFA): This status flag indicates the
occurrence of a TGRA register input capture or compare-match.
Bit 0: TGFA
Description
0
Clear condition: With TGFA = 1, a 0 write to TGFA following a read
(Cleared by DMAC transfer due to TGFA) (initial value)
1
Set conditions:
• When TGRA is functioning as an output compare register
(TCNT = TGRA)
• When TGRA is functioning as input capture (the TCNT value is sent
to TGRA by the input capture signal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com