Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 353 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 353 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 349Page - Renesas Technology Corp SH7041A Datasheet HTML 350Page - Renesas Technology Corp SH7041A Datasheet HTML 351Page - Renesas Technology Corp SH7041A Datasheet HTML 352Page - Renesas Technology Corp SH7041A Datasheet HTML 353Page - Renesas Technology Corp SH7041A Datasheet HTML 354Page - Renesas Technology Corp SH7041A Datasheet HTML 355Page - Renesas Technology Corp SH7041A Datasheet HTML 356Page - Renesas Technology Corp SH7041A Datasheet HTML 357Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 923 page
background image
315
Counter Start
Channel
SYNC4
Channel 4 (TCNT4)
SYNC3
Channel 3 (TCNT3)
SYNC2
Channel 2 (TCNT2)
SYNC1
Channel 1 (TCNT1)
SYNC0
Channel 0 (TCNT0)
Bit n: SYNCn
Description
0
Timer counter (TCNTn) independent operation (initial value)
(TCNTn preset/clear unrelated to other channels)
1
Timer counter synchronous operation*
1
TCNTn synchronous preset/ synchronous clear*
2 possible
Notes: n = 4 to 0. However, SYNC4 is bit 7, SYNC3 is bit 6.
*1 Minimum of two channel SYNC bits must be set to 1 for synchronous operation.
*2 TCNT counter clear sources (CCLR2–CCLR0 bits of the TCR register) must be set in
addition to the SYNC bit in order to have clear synchronization.
• Bits 5–3—Reserved: These bits always read as 0. The write value should always be 0.
12.2.10
Timer Output Master Enable Register (TOER)
The timer output master enable register (TOER) enables/disables output settings for output pins
TIOC4D, TIOC4C, TIOC3D, TIOC4B, TIOC4A, and TIOC3B. These pins do not output correctly
if the TOER bits have not been set. Set TOER of CH3 and CH2 prior to setting TIOR of CH3 and
CH4. The TOER is an 8-bit read/write register. The register is initialized to H'C0 by a power-on
reset or in standby mode. Manual reset does not initialize TOER.
Bit:
7
6
5
4
3
2
1
0
—
—
OE4D
OE4C
OE3D
OE4B
OE4A
OE3B
Initial value:
1
1
0
0
0
0
0
0
R/W:
R
R
R/W
R/W
R/W
R/W
R/W
R/W
• Bits 7–6—Reserved: These bits always read as 1. The write value should always be 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com