Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 355 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 355 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 351Page - Renesas Technology Corp SH7041A Datasheet HTML 352Page - Renesas Technology Corp SH7041A Datasheet HTML 353Page - Renesas Technology Corp SH7041A Datasheet HTML 354Page - Renesas Technology Corp SH7041A Datasheet HTML 355Page - Renesas Technology Corp SH7041A Datasheet HTML 356Page - Renesas Technology Corp SH7041A Datasheet HTML 357Page - Renesas Technology Corp SH7041A Datasheet HTML 358Page - Renesas Technology Corp SH7041A Datasheet HTML 359Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 923 page
background image
317
12.2.11
Timer Output Control Register (TOCR)
The timer output control register (TOCR) enables/disables PWM synchronized toggle output in
complementary PWM mode and reset sync PWM mode, and controls output level inversion of
PWM output. The TOCR is initialized to H'00 by a power-on reset or in the standby mode.
Manual reset does not initialize TOCR. These register settings are ineffective for anything other
than complementary PWM mode/reset-synchronized PWM mode.
Bit:
7
6
5
4
3
2
1
0
—
PSYE
—
—
—
—
OLSN
OLSP
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R/W
R
R
R
R
R/W
R/W
• Bits 7, 5–2—Reserved: These bits always read as 1. The write value should always be 1.
• Bit 6—PWM Synchronous Output Enable (PSYE): Selects the enable/disable of toggle output
synchronized with the PWM period.
Bit 6: PSYE
Description
0
Toggle output synchronous with PWM period disabled (initial value)
1
Toggle output synchronous with PWM period enabled
• Bit 1—Output Level Select N (OLSN): Selects the reverse phase output level of the
complementary PWM mode or reset-synchronized PWM mode.
Compare Match Output
OLSN
Initial Output
Active Level
Increment Count
Decrement Count
0
High level*
Low level
High level
Low level (initial
value)
1
Low level*
High level
Low level
High level
Note: * The reverse phase waveform initial output value changes to active level after elapse of the
dead time after count start.
• Bit 0—Output Level Select P (OLSP): Selects the positive phase output level of the
complementary PWM mode or reset-synchronized PWM mode.
Compare Match Output
OLSP
Initial Output
Active Level
Increment Count
Decrement Count
0
High level
Low level
Low level
High level (initial value)
1
Low level
High level
High level
Low level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com