Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 352 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 352 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 348Page - Renesas Technology Corp SH7041A Datasheet HTML 349Page - Renesas Technology Corp SH7041A Datasheet HTML 350Page - Renesas Technology Corp SH7041A Datasheet HTML 351Page - Renesas Technology Corp SH7041A Datasheet HTML 352Page - Renesas Technology Corp SH7041A Datasheet HTML 353Page - Renesas Technology Corp SH7041A Datasheet HTML 354Page - Renesas Technology Corp SH7041A Datasheet HTML 355Page - Renesas Technology Corp SH7041A Datasheet HTML 356Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 923 page
background image
314
Counter Start
Channel
CST4
Channel 4 (TCNT4)
CST3
Channel 3 (TCNT3)
CST2
Channel 2 (TCNT2)
CST1
Channel 1 (TCNT1)
CST0
Channel 0 (TCNT0)
Bit n: CSTn
Description
0
TCNTn count is halted (initial value)
1
TCNTn counts
Note:
n = 4 to 0. However, CST4 is bit 7, CST3 is bit 6.
If 0 is written to the CST bit during operation with the TIOC pin in output status, the counter
stops, but the TIOC pin output compare output level is maintained. If a write is done to the
TIOR register while the CST bit is a 0, the pin output level is updated to the established
initial output value. In complementary PWM mode or reset sync PWM mode, when a 0 is
written to the CST bit of a TIOC pin in output mode during operation, it returns to the initial
output.
• Bits 5–3—Reserved: These bits always read as 0. The write value should always be 0.
12.2.9
Timer Synchro Register (TSYR)
The timer synchro register (TSYR) is an 8-bit read/write register that selects independent or
synchronous TCNT counter operation for channels 0–4. Channels for which 1 is set in the
corresponding bit will be synchronized. TSYR is initialized to H'00 upon power-on reset or
standby mode. Manual reset does not initialize TSYR.
Bit:
7
6
5
4
3
2
1
0
SYNC4
SYNC3
—
—
—
SYNC2
SYNC1
SYNC0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R
R
R
R/W
R/W
R/W
• Bits 7, 6, 2–0—Timer Synchronization 4–0 (SYNC4–SYNC0): Selects operation independent
of, or synchronized to, other channels. Synchronous operation allows synchronous clears due
to multiple TCNT synchronous presets and other channel counter clears. A minimum of two
channels must have SYNC bits set to 1 for synchronous operation. For synchronization
clearing, it is necessary to set the TCNT counter clear sources (the CCLR2–CCLR0 bits of the
TCR register), in addition to the SYNC bit. The counter start to channel and bit-to-channel
correspondence are indicated in the tables below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com