Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 356 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 356 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 352Page - Renesas Technology Corp SH7041A Datasheet HTML 353Page - Renesas Technology Corp SH7041A Datasheet HTML 354Page - Renesas Technology Corp SH7041A Datasheet HTML 355Page - Renesas Technology Corp SH7041A Datasheet HTML 356Page - Renesas Technology Corp SH7041A Datasheet HTML 357Page - Renesas Technology Corp SH7041A Datasheet HTML 358Page - Renesas Technology Corp SH7041A Datasheet HTML 359Page - Renesas Technology Corp SH7041A Datasheet HTML 360Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 923 page
background image
318
Figure 12.2 shows an example of complementary PWM mode output (1 phase) when OLSN = 1,
OLSP = 1.
TCNT3 and
TCNT4 values
TGR3A
TGR4A
H'0000
Positive
phase output
Reverse
phase output
TDDR
TCNT4
TCNT3
Time
Active
level
Initial
output
Initial
output
Compare match
output (up count)
Compare match
output (up count)
Compare match
output (down count)
Compare match
output (down count)
Active level
Active level
Figure 12.2 Complementary PWM Mode Output Level Example
12.2.12
Timer Gate Control Register (TGCR)
The timer gate control register (TGCR) is an 8-bit read/write register that controls the waveform
output necessary for brushless DC motor control in complementary PWM mode/reset-
synchronized PWM mode. The TGCR is initialized to H'80 by a power-on reset or in the standby
mode. Manual reset does not initialize TGCR. These register settings are ineffective for anything
other than complementary PWM mode/reset-synchronized PWM mode.
Bit:
7
6
5
4
3
2
1
0
—
BDC
N
P
FB
WF
VF
UF
Initial value:
1
0
0
0
0
0
0
0
R/W:
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
• Bit 7—Reserved: This bit always reads as 1. The write value should always be 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com