Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 359 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 359 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 355Page - Renesas Technology Corp SH7041A Datasheet HTML 356Page - Renesas Technology Corp SH7041A Datasheet HTML 357Page - Renesas Technology Corp SH7041A Datasheet HTML 358Page - Renesas Technology Corp SH7041A Datasheet HTML 359Page - Renesas Technology Corp SH7041A Datasheet HTML 360Page - Renesas Technology Corp SH7041A Datasheet HTML 361Page - Renesas Technology Corp SH7041A Datasheet HTML 362Page - Renesas Technology Corp SH7041A Datasheet HTML 363Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 923 page
background image
321
12.2.14
Timer Dead Time Data Register (TDDR)
The timer dead time data register (TDDR) is a 16-bit register, used only in complementary PWM
mode, that specifies the TCNT3 and TCNT4 counter offset values. In complementary PWM mode,
when the TCNT3 and TCNT4 counters are cleared and then restarted, the TDDR register value is
loaded into the TCNT3 counter and the count operation starts. The TDDR register is initialized to
H'FFFF by a power-on reset or in standby mode. Manual reset does not initialize TDDR.
Accessing the TDDR in 8-bit units is prohibited. Always access in 16-bit units.
Bit:
15
14
13
12
11
10
9
8
Initial value:
1
1
1
1
1
1
1
1
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
Initial value:
1
1
1
1
1
1
1
1
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
12.2.15
Timer Period Data Register (TCDR)
The timer period data register (TCDR) is a 16-bit register used only in complementary PWM
mode. Set the PWM carrier sync value as the TCDR register value. This register is constantly
compared with the TCNTS counter in complementary PWM mode, and when a match occurs the
TCNTS counter switches direction (decrement to increment).
The TCDR register is initialized to H'FFFF by a reset or in standby mode. Manual reset does not
initialize TCDR. Accessing the TCDR in 8-bit units is prohibited. Always access in 16-bit units.
Bit:
15
14
13
12
11
10
9
8
Initial value:
1
1
1
1
1
1
1
1
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
Initial value:
1
1
1
1
1
1
1
1
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com