Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 360 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 360 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 356Page - Renesas Technology Corp SH7041A Datasheet HTML 357Page - Renesas Technology Corp SH7041A Datasheet HTML 358Page - Renesas Technology Corp SH7041A Datasheet HTML 359Page - Renesas Technology Corp SH7041A Datasheet HTML 360Page - Renesas Technology Corp SH7041A Datasheet HTML 361Page - Renesas Technology Corp SH7041A Datasheet HTML 362Page - Renesas Technology Corp SH7041A Datasheet HTML 363Page - Renesas Technology Corp SH7041A Datasheet HTML 364Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 923 page
background image
322
12.2.16
Timer Period Buffer Register (TCBR)
The timer period buffer register (TCBR) is a 16-bit register used only in complementary PWM
mode. It functions as a buffer register for the TCDR register. The TCBR register values are
transferred to the TCDR register with the transfer timing established in the TMDR register. The
TCBR register is initialized to H'FFFF by a power-on reset or in standby mode. Manual reset does
not initialize TCBR. Accessing the TCBR in 8-bit units is prohibited. Always access in 16-bit
units.
Bit:
15
14
13
12
11
10
9
8
Initial value:
1
1
1
1
1
1
1
1
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
Initial value:
1
1
1
1
1
1
1
1
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
12.3
Bus Master Interface
12.3.1
16-Bit Registers
The timer counters (TCNT) and general registers (TGR) are 16-bit registers. A 16-bit data bus to
the bus master enables 16-bit read/writes. 8-bit read/write is not possible. Always access in 16-bit
units. Figure 12.3 shows an example of 16-bit register access operation.
TCNTH
TCNTL
Bus
interface
Upper 8 bits
Lower 8 bits
Bus master
Internal data bus
Module data bus
Figure 12.3 16-Bit Register Access Operation (Bus Master
↔ TCNT (16 Bit))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com