Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 414 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 414 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 410Page - Renesas Technology Corp SH7041A Datasheet HTML 411Page - Renesas Technology Corp SH7041A Datasheet HTML 412Page - Renesas Technology Corp SH7041A Datasheet HTML 413Page - Renesas Technology Corp SH7041A Datasheet HTML 414Page - Renesas Technology Corp SH7041A Datasheet HTML 415Page - Renesas Technology Corp SH7041A Datasheet HTML 416Page - Renesas Technology Corp SH7041A Datasheet HTML 417Page - Renesas Technology Corp SH7041A Datasheet HTML 418Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 414 / 923 page
background image
376
Complementary PWM Mode Output Protection Function: Complementary PWM mode output
has the following protection functions.
• Register and counter miswrite prevention function
With the exception of the buffer registers, which can be rewritten at any time, access by the
CPU can be enabled or disabled for the mode registers, control registers, compare registers,
and counters used in complementary PWM mode by means of bit 13 in the bus controller’s bus
control register 1 (BCR1). The registers and counters concerned are listed in table 12.3.
This function enables miswriting due to CPU runaway to be prevented by disabling CPU
access to the mode registers, control registers, and counters.
• Halting of PWM output by external signal
The 6-phase PWM output pins can be set automatically to the high-impedance state by
inputting specified external signals. There are four external signal input pins.
See section 12.9, Port Output Enable (POE), for details.
• Halting of PWM output when oscillator is stopped
If it is detected that the clock input to the SH7040 chip has stopped, the 6-phase PWM output
pins automatically go to the high-impedance state. The pin states are not guaranteed when the
clock is restarted.
See section 4.4, Oscillator Halt Function, for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com