Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 415 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 415 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 411Page - Renesas Technology Corp SH7041A Datasheet HTML 412Page - Renesas Technology Corp SH7041A Datasheet HTML 413Page - Renesas Technology Corp SH7041A Datasheet HTML 414Page - Renesas Technology Corp SH7041A Datasheet HTML 415Page - Renesas Technology Corp SH7041A Datasheet HTML 416Page - Renesas Technology Corp SH7041A Datasheet HTML 417Page - Renesas Technology Corp SH7041A Datasheet HTML 418Page - Renesas Technology Corp SH7041A Datasheet HTML 419Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 415 / 923 page
background image
377
12.5
Interrupts
12.5.1
Interrupt Sources and Priority Ranking
The MTU has three interrupt sources: TGR register compare-match/input captures, TCNT counter
overflows and TCNT counter underflows. Because each of these three types of interrupts are
allocated its own dedicated status flag and enable/disable bit, the issuing of interrupt request
signals to the interrupt controller can be independently enabled or disabled.
When an interrupt source is generated, the corresponding status flag in the timer status register
(TSR) is set to 1. If the corresponding enable/disable bit in the timer input enable register (TIER)
is set to 1 at this time, the MTU makes an interrupt request of the interrupt controller. The
interrupt request is canceled by clearing the status flag to 0.
The channel priority order can be changed with the interrupt controller. The priority ranking
within a channel is fixed. For more information, see section 6, Interrupt Controller (INTC).
Table 12.17 lists the MTU interrupt sources.
Input Capture/Compare Match Interrupts: If the TGIE bit of the timer input enable register
(TIER) is already set to 1 when the TGF flag in the timer status register (TSR) is set to 1 by a TGR
register input capture/compare-match of any channel, an interrupt request is sent to the interrupt
controller. The interrupt request is canceled by clearing the TGF flag to 0. The MTU has 16 input
capture/compare-match interrupts; four each for channels 0, 3, and 4, and two each for channels 1
and 2.
Overflow Interrupts: If the TCIEV bit of the TIER is already set to 1 when the TCFV flag in the
TSR is set to 1 by a TCNT counter overflow of any channel, an interrupt request is sent to the
interrupt controller. The interrupt request is canceled by clearing the TCFV flag to 0. The MTU
has five overflow interrupts, one for each channel.
Underflow Interrupts: If the TCIEU bit of the TIER is already set to 1 when the TCFU flag in
the TSR is set to 1 by a TCNT counter underflow of any channel, an interrupt request is sent to the
interrupt controller. The interrupt request is canceled by clearing the TCFU flag to 0. The MTU
has two underflow interrupts, one each for channels 1 and 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com