Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 417 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 417 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 413Page - Renesas Technology Corp SH7041A Datasheet HTML 414Page - Renesas Technology Corp SH7041A Datasheet HTML 415Page - Renesas Technology Corp SH7041A Datasheet HTML 416Page - Renesas Technology Corp SH7041A Datasheet HTML 417Page - Renesas Technology Corp SH7041A Datasheet HTML 418Page - Renesas Technology Corp SH7041A Datasheet HTML 419Page - Renesas Technology Corp SH7041A Datasheet HTML 420Page - Renesas Technology Corp SH7041A Datasheet HTML 421Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 417 / 923 page
background image
379
12.5.2
DTC/DMAC Activation
DTC Activation: The TGR register input capture/compare-match interrupt of any channel can be
used as a source to activate the on-chip data transfer controller (DTC). For details, refer to section
8, Data Transfer Controller (DTC).
The MTU has 17 input capture/compare-match interrupts that can be used as DTC activation
sources, four each for channels 0 and 3, two each for channels 1 and 2, and five for channel 4.
DMAC Activation: The TGRA register input capture/compare-match interrupt of any channel
can be used as a source to activate the on-chip DMAC. For details, refer to section 11, Direct
Memory Access Controller (DMAC).
The MTU has 5 TGRA register input capture/compare-match interrupts, one for any channel, that
can be used as DMAC activation sources.
12.5.3
A/D Converter Activation
The TGRA register input capture/compare-match of any channel can be used to activate the on-
chip A/D converter.
If the TTGE bit of the TIER is already set to 1 when the TGFA flag in the TSR is set to 1 by a
TGRA register input capture/compare-match of any of the channels, an A/D conversion start
request is sent to the A/D converter. If the MTU conversion start trigger is selected at such a time
on the A/D converter side when this happens, the A/D conversion starts.
The MTU has 5 TGRA register input capture/compare-match interrupts, one for each channel, that
can be used as A/D converter activation sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com