Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 507 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 507 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 503Page - Renesas Technology Corp SH7041A Datasheet HTML 504Page - Renesas Technology Corp SH7041A Datasheet HTML 505Page - Renesas Technology Corp SH7041A Datasheet HTML 506Page - Renesas Technology Corp SH7041A Datasheet HTML 507Page - Renesas Technology Corp SH7041A Datasheet HTML 508Page - Renesas Technology Corp SH7041A Datasheet HTML 509Page - Renesas Technology Corp SH7041A Datasheet HTML 510Page - Renesas Technology Corp SH7041A Datasheet HTML 511Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 507 / 923 page
background image
469
Section 14 Serial Communication Interface (SCI)
14.1
Overview
The SH7040 Series has a serial communication interface (SCI) with two independent channels,
both of which possess the same functions.
The SCI supports both asynchronous and clock synchronous serial communication. It also has a
multiprocessor communication function for serial communication among two or more processors.
14.1.1
Features
• Select asynchronous or clock synchronous as the serial communications mode.
 Asynchronous mode: Serial data communications are synched by start-stop in character
units. The SCI can communicate with a universal asynchronous receiver/transmitter
(UART), an asynchronous communication interface adapter (ACIA), or any other chip that
employs a standard asynchronous serial communication. It can also communicate with two
or more other processors using the multiprocessor communication function. There are
twelve selectable serial data communication formats.
Data length: seven or eight bits
Stop bit length: one or two bits
Parity: even, odd, or none
Multiprocessor bit: one or none
Receive error detection: parity, overrun, and framing errors
Break detection: by reading the RxD level directly when a framing error occurs
 Clocked synchronous mode: Serial data communication is synchronized with a clock
signal. The SCI can communicate with other chips having a clock synchronous
communication function. There is one serial data communication format.
Data length: eight bits
Receive error detection: overrun errors
• Full duplex communication: The transmitting and receiving sections are independent, so the
SCI can transmit and receive simultaneously. Both sections use double buffering, so
continuous data transfer is possible in both the transmit and receive directions.
• On-chip baud rate generator with selectable bit rates.
• Internal or external transmit/receive clock source: baud rate generator (internal) or SCK pin
(external).
• Four types of interrupts: Transmit-data-empty, transmit-end, receive-data-full, and receive-
error interrupts are requested independently. The transmit-data-empty and receive-data-full
interrupts can start the direct memory access controller (DMAC)/data transfer controller (DTC)
to transfer data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com