Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 509 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 509 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 505Page - Renesas Technology Corp SH7041A Datasheet HTML 506Page - Renesas Technology Corp SH7041A Datasheet HTML 507Page - Renesas Technology Corp SH7041A Datasheet HTML 508Page - Renesas Technology Corp SH7041A Datasheet HTML 509Page - Renesas Technology Corp SH7041A Datasheet HTML 510Page - Renesas Technology Corp SH7041A Datasheet HTML 511Page - Renesas Technology Corp SH7041A Datasheet HTML 512Page - Renesas Technology Corp SH7041A Datasheet HTML 513Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 509 / 923 page
background image
471
14.1.3
Pin Configuration
Table 14.1 summarizes the SCI pins by channel.
Table 14.1
SCI Pins
Channel
Pin Name
Abbreviation
Input/Output
Function
0
Serial clock pin
SCK0
Input/output
SCI0 clock input/output
Receive data pin
RxD0
Input
SCI0 receive data input
Transmit data pin
TxD0
Output
SCI0 transmit data output
1
Serial clock pin
SCK1
Input/output
SCI1 clock input/output
Receive data pin
RxD1
Input
SCI1 receive data input
Transmit data pin
TxD1
Output
SCI1 transmit data output
14.1.4
Register Configuration
Table 14.2 summarizes the SCI internal registers. These registers select the communication mode
(asynchronous or clock synchronous), specify the data format and bit rate, and control the
transmitter and receiver sections.
Table 14.2
Registers
Channel
Name
Abbreviation R/W
Initial
Value
Address*
2
Access
Size
0
Serial mode register
SMR0
R/W
H'00
H'FFFF81A0 8, 16
Bit rate register
BRR0
R/W
H'FF
H'FFFF81A1 8, 16
Serial control register
SCR0
R/W
H'00
H'FFFF81A2 8, 16
Transmit data register
TDR0
R/W
H'FF
H'FFFF81A3 8, 16
Serial status register
SSR0
R/(W)*
1
H'84
H'FFFF81A4 8, 16
Receive data register
RDR0
R
H'00
H'FFFF81A5 8, 16
1
Serial mode register
SMR1
R/W
H'00
H'FFFF81B0 8, 16
Bit rate register
BRR1
R/W
H'FF
H'FFFF81B1 8, 16
Serial control register
SCR1
R/W
H'00
H'FFFF81B2 8, 16
Transmit data register
TDR1
R/W
H'FF
H'FFFF81B3 8, 16
Serial status register
SSR1
R/(W)*
1
H'84
H'FFFF81B4 8, 16
Receive data register
RDR1
R
H'00
H'FFFF81B5 8, 16
Notes: *1 The only value that can be written is a 0 to clear the flags.
*2 Do not access empty addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com