Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 513 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 513 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 509Page - Renesas Technology Corp SH7041A Datasheet HTML 510Page - Renesas Technology Corp SH7041A Datasheet HTML 511Page - Renesas Technology Corp SH7041A Datasheet HTML 512Page - Renesas Technology Corp SH7041A Datasheet HTML 513Page - Renesas Technology Corp SH7041A Datasheet HTML 514Page - Renesas Technology Corp SH7041A Datasheet HTML 515Page - Renesas Technology Corp SH7041A Datasheet HTML 516Page - Renesas Technology Corp SH7041A Datasheet HTML 517Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 513 / 923 page
background image
475
• Bit 3—Stop Bit Length (STOP): Selects one or two bits as the stop bit length in the
asynchronous mode. This setting is used only in the asynchronous mode. It is ignored in the
clock synchronous mode because no stop bits are added.
In receiving, only the first stop bit is checked, regardless of the STOP bit setting. If the second
stop bit is 1, it is treated as a stop bit, but if the second stop bit is 0, it is treated as the start bit
of the next incoming character.
Bit 3: STOP
Description
0
One stop bit (initial value). In transmitting, a single bit of 1 is added at
the end of each transmitted character.
1
Two stop bits. In transmitting, two bits of 1 are added at the end of each
transmitted character.
• Bit 2—Multiprocessor Mode (MP): Selects multiprocessor format. When multiprocessor
format is selected, settings of the parity enable (PE) and parity mode (O/
E) bits are ignored.
The MP bit setting is used only in the asynchronous mode; it is ignored in the clock
synchronous mode. For the multiprocessor communication function, see section 14.3.3,
Multiprocessor Communication.
Bit 2: MP
Description
0
Multiprocessor function disabled (initial value)
1
Multiprocessor format selected
• Bits 1 and 0—Clock Select 1 and 0 (CKS1 and CKS0): These bits select the internal clock
source of the on-chip baud rate generator. Four clock sources are available;
φ, φ/4, φ/16, or
φ/64. For further information on the clock source, bit rate register settings, and baud rate, see
section 14.2.8, Bit Rate Register (BRR).
Bit 1: CKS1
Bit 0: CKS0
Description
00
φ (initial value)
1
φ/4
10
φ/16
1
φ/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com