Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 511 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 511 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 507Page - Renesas Technology Corp SH7041A Datasheet HTML 508Page - Renesas Technology Corp SH7041A Datasheet HTML 509Page - Renesas Technology Corp SH7041A Datasheet HTML 510Page - Renesas Technology Corp SH7041A Datasheet HTML 511Page - Renesas Technology Corp SH7041A Datasheet HTML 512Page - Renesas Technology Corp SH7041A Datasheet HTML 513Page - Renesas Technology Corp SH7041A Datasheet HTML 514Page - Renesas Technology Corp SH7041A Datasheet HTML 515Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 511 / 923 page
background image
473
The CPU cannot read or write the TSR directly.
Bit:
7
6
5
4
3
2
1
0
R/W:
—
—
—
—
—
—
—
—
14.2.4
Transmit Data Register (TDR)
The transmit data register (TDR) is an 8-bit register that stores data for serial transmission. When
the SCI detects that the transmit shift register (TSR) is empty, it moves transmit data written in the
TDR into the TSR and starts serial transmission. Continuous serial transmission is possible by
writing the next transmit data in the TDR during serial transmission from the TSR.
The CPU can always read and write the TDR. The TDR is initialized to H'FF by a power-on reset
or in standby mode. Manual reset does not initialize TDR.
Bit:
7
6
5
4
3
2
1
0
Initial value:
1
1
1
1
1
1
1
1
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
14.2.5
Serial Mode Register (SMR)
The serial mode register (SMR) is an 8-bit register that specifies the SCI serial communication
format and selects the clock source for the baud rate generator.
The CPU can always read and write the SMR. The SMR is initialized to H'00 by a power-on reset
or in standby mode. Manual reset does not initialize SMR.
Bit:
7
6
5
4
3
2
1
0
C/
A
CHR
PE
O/
E
STOP
MP
CKS1
CKS0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com