Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 514 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 514 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 510Page - Renesas Technology Corp SH7041A Datasheet HTML 511Page - Renesas Technology Corp SH7041A Datasheet HTML 512Page - Renesas Technology Corp SH7041A Datasheet HTML 513Page - Renesas Technology Corp SH7041A Datasheet HTML 514Page - Renesas Technology Corp SH7041A Datasheet HTML 515Page - Renesas Technology Corp SH7041A Datasheet HTML 516Page - Renesas Technology Corp SH7041A Datasheet HTML 517Page - Renesas Technology Corp SH7041A Datasheet HTML 518Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 514 / 923 page
background image
476
14.2.6
Serial Control Register (SCR)
The serial control register (SCR) operates the SCI transmitter/receiver, selects the serial clock
output in the asynchronous mode, enables/disables interrupt requests, and selects the
transmit/receive clock source. The CPU can always read and write the SCR. The SCR is initialized
to H'00 by a power-on reset or in standby mode. Manual reset does not initialize SCR.
Bit:
7
6
5
4
3
2
1
0
TIE
RIE
TE
RE
MPIE
TEIE
CKE1
CKE0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
• Bit 7—Transmit Interrupt Enable (TIE): Enables or disables the transmit-data-empty interrupt
(TxI) requested when the transmit data register empty bit (TDRE) in the serial status register
(SSR) is set to 1 by transfer of serial transmit data from the TDR to the TSR.
Bit 7: TIE
Description
0
Transmit-data-empty interrupt request (TxI) is disabled (initial value).
The TxI interrupt request can be cleared by reading TDRE after it has
been set to 1, then clearing TDRE to 0, or by clearing TIE to 0.
1
Transmit-data-empty interrupt request (TxI) is enabled
• Bit 6—Receive Interrupt Enable (RIE): Enables or disables the receive-data-full interrupt (RxI)
requested when the receive data register full bit (RDRF) in the serial status register (SSR) is set
to 1 by transfer of serial receive data from the RSR to the RDR. It also enables or disables
receive-error interrupt (ERI) requests.
Bit 6: RIE
Description
0
Receive-data-full interrupt (RxI) and receive-error interrupt (ERI)
requests are disabled (initial value). RxI and ERI interrupt requests can
be cleared by reading the RDRF flag or error flag (FER, PER, or ORER)
after it has been set to 1, then clearing the flag to 0, or by clearing RIE
to 0.
1
Receive-data-full interrupt (RxI) and receive-error interrupt (ERI)
requests are enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com