Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 515 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 515 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 511Page - Renesas Technology Corp SH7041A Datasheet HTML 512Page - Renesas Technology Corp SH7041A Datasheet HTML 513Page - Renesas Technology Corp SH7041A Datasheet HTML 514Page - Renesas Technology Corp SH7041A Datasheet HTML 515Page - Renesas Technology Corp SH7041A Datasheet HTML 516Page - Renesas Technology Corp SH7041A Datasheet HTML 517Page - Renesas Technology Corp SH7041A Datasheet HTML 518Page - Renesas Technology Corp SH7041A Datasheet HTML 519Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 515 / 923 page
background image
477
• Bit 5—Transmit Enable (TE): Enables or disables the SCI serial transmitter.
Bit 5: TE
Description
0
Transmitter disabled (initial value). The transmit data register empty bit
(TDRE) in the serial status register (SSR) is locked at 1.
1
Transmitter enabled. Serial transmission starts when the transmit data
register empty (TDRE) bit in the serial status register (SSR) is cleared to
0 after writing of transmit data into the TDR. Select the transmit format
in the SMR before setting TE to 1.
• Bit 4—Receive Enable (RE): Enables or disables the SCI serial receiver.
Bit 4: RE
Description
0
Receiver disabled (initial value). Clearing RE to 0 does not affect the
receive flags (RDRF, FER, PER, ORER). These flags retain their
previous values.
1
Receiver enabled. Serial reception starts when a start bit is detected in
the asynchronous mode, or synchronous clock input is detected in the
clock synchronous mode. Select the receive format in the SMR before
setting RE to 1.
• Bit 3—Multiprocessor Interrupt Enable (MPIE): Enables or disables multiprocessor interrupts.
The MPIE setting is used only in the asynchronous mode, and only if the multiprocessor mode
bit (MP) in the serial mode register (SMR) is set to 1 during reception. The MPIE setting is
ignored in the clock synchronous mode or when the MP bit is cleared to 0.
Bit 3: MPIE
Description
0
Multiprocessor interrupts are disabled (normal receive operation) (initial
value). MPIE is cleared when the MPIE bit is cleared to 0, or the
multiprocessor bit (MPB) is set to 1 in receive data.
1
Multiprocessor interrupts are enabled. Receive-data-full interrupt
requests (RxI), receive-error interrupt requests (ERI), and setting of the
RDRF, FER, and ORER status flags in the serial status register (SSR)
are disabled until data with the multiprocessor bit set to 1 is received.
The SCI does not transfer receive data from the RSR to the RDR, does
not detect receive errors, and does not set the RDRF, FER, and ORER
flags in the serial status register (SSR). When it receives data that
includes MPB = 1, MPB is set to 1, and the SCI automatically clears
MPIE to 0, generates RxI and ERI interrupts (if the TIE and RIE bits in
the SCR are set to 1), and allows the FER and ORER bits to be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com