Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 519 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 519 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 515Page - Renesas Technology Corp SH7041A Datasheet HTML 516Page - Renesas Technology Corp SH7041A Datasheet HTML 517Page - Renesas Technology Corp SH7041A Datasheet HTML 518Page - Renesas Technology Corp SH7041A Datasheet HTML 519Page - Renesas Technology Corp SH7041A Datasheet HTML 520Page - Renesas Technology Corp SH7041A Datasheet HTML 521Page - Renesas Technology Corp SH7041A Datasheet HTML 522Page - Renesas Technology Corp SH7041A Datasheet HTML 523Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 519 / 923 page
background image
481
• Bit 4—Framing Error (FER): Indicates that data reception ended abnormally due to a framing
error in the asynchronous mode.
Bit 4: FER
Description
0
Receiving is in progress or has ended normally (initial value). Clearing the RE bit
to 0 in the serial control register does not affect the FER bit, which retains its
previous value.
FER is cleared to 0 when the chip is power-on reset or enters standby mode or
software reads FER after it has been set to 1, then writes 0 in FER
1
A receive framing error occurred. When the stop bit length is two bits, only the
first bit is checked to see if it is a 1. The second stop bit is not checked. When a
framing error occurs, the SCI transfers the receive data into the RDR but does
not set RDRF. Serial receiving cannot continue while FER is set to 1. In the clock
synchronous mode, serial transmitting is also disabled.
FER is set to 1 if the stop bit at the end of receive data is checked and found to
be 0
• Bit 3—Parity Error (PER): Indicates that data reception (with parity) ended abnormally due to
a parity error in the asynchronous mode.
Bit 3: PER
Description
0
Receiving is in progress or has ended normally (initial value). Clearing the RE bit
to 0 in the serial control register does not affect the PER bit, which retains its
previous value.
PER is cleared to 0 when the chip is power-on reset or enters standby mode or
software reads PER after it has been set to 1, then writes 0 in PER
1
A receive parity error occurred. When a parity error occurs, the SCI transfers the
receive data into the RDR but does not set RDRF. Serial receiving cannot
continue while PER is set to 1. In the clock synchronous mode, serial transmitting
is also disabled.
PER is set to 1 if the number of 1s in receive data, including the parity bit, does
not match the even or odd parity setting of the parity mode bit (O/
E) in the serial
mode register (SMR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com