Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 520 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 520 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 516Page - Renesas Technology Corp SH7041A Datasheet HTML 517Page - Renesas Technology Corp SH7041A Datasheet HTML 518Page - Renesas Technology Corp SH7041A Datasheet HTML 519Page - Renesas Technology Corp SH7041A Datasheet HTML 520Page - Renesas Technology Corp SH7041A Datasheet HTML 521Page - Renesas Technology Corp SH7041A Datasheet HTML 522Page - Renesas Technology Corp SH7041A Datasheet HTML 523Page - Renesas Technology Corp SH7041A Datasheet HTML 524Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 520 / 923 page
background image
482
• Bit 2—Transmit End (TEND): Indicates that when the last bit of a serial character was
transmitted, the TDR did not contain valid data, so transmission has ended. TEND is a read-
only bit and cannot be written.
Bit 2: TEND
Description
0
Transmission is in progress
TEND is cleared to 0 when software reads TDRE after it has been set to 1, then
writes 0 in TDRE, or the DMAC or DTC writes data in TDR
1
End of transmission (initial value)
TEND is set to 1 when the chip is power-on reset or enters standby mode, TE is
cleared to 0 in the serial control register (SCR), or TDRE is 1 when the last bit of
a one-byte serial character is transmitted.
• Bit 1—Multiprocessor Bit (MPB): Stores the value of the multiprocessor bit in receive data
when a multiprocessor format is selected for receiving in the asynchronous mode. The MPB is
a read-only bit and cannot be written.
Bit 1: MPB
Description
0
Multiprocessor bit value in receive data is 0 (initial value). If RE is cleared to 0
when a multiprocessor format is selected, the MPB retains its previous value.
1
Multiprocessor bit value in receive data is 1
• Bit 0—Multiprocessor Bit Transfer (MPBT): Stores the value of the multiprocessor bit added
to transmit data when a multiprocessor format is selected for transmitting in the asynchronous
mode. The MPBT setting is ignored in the clock synchronous mode, when a multiprocessor
format is not selected, or when the SCI is not transmitting.
Bit 0: MPBT
Description
0
Multiprocessor bit value in transmit data is 0 (initial value)
1
Multiprocessor bit value in transmit data is 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com