Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 521 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 521 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 517Page - Renesas Technology Corp SH7041A Datasheet HTML 518Page - Renesas Technology Corp SH7041A Datasheet HTML 519Page - Renesas Technology Corp SH7041A Datasheet HTML 520Page - Renesas Technology Corp SH7041A Datasheet HTML 521Page - Renesas Technology Corp SH7041A Datasheet HTML 522Page - Renesas Technology Corp SH7041A Datasheet HTML 523Page - Renesas Technology Corp SH7041A Datasheet HTML 524Page - Renesas Technology Corp SH7041A Datasheet HTML 525Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 521 / 923 page
background image
483
14.2.8
Bit Rate Register (BRR)
The bit rate register (BRR) is an 8-bit register that, together with the baud rate generator clock
source selected by the CKS1 and CKS0 bits in the serial mode register (SMR), determines the
serial transmit/receive bit rate.
The CPU can always read and write the BRR. The BRR is initialized to H'FF by a power-on reset
or in standby mode. Each channel has independent baud rate generator control, so different values
can be set in the two channels. Manual reset does not initialize BRR.
Bit:
7
6
5
4
3
2
1
0
Initial value:
1
1
1
1
1
1
1
1
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 14.3 lists examples of BRR settings in the asynchronous mode; table 14.4 lists examples of
BBR settings in the clock synchronous mode.
Table 14.3
Bit Rates and BRR Settings in Asynchronous Mode
φ (MHz)
Bit Rate
4
4.9152
6
(Bits/s)
n
N
Error (%)
n
N
Error (%)
n
N
Error (%)
110
2
70
0.03
2
86
0.31
2
106
–0.44
150
1
207
0.16
1
255
0.00
2
77
0.16
300
1
103
0.16
1
127
0.00
1
155
0.16
600
0
207
0.16
0
255
0.00
1
77
0.16
1200
0
103
0.16
0
127
0.00
0
155
0.16
2400
0
51
0.16
0
63
0.00
0
77
0.16
4800
0
25
0.16
0
31
0.00
0
38
0.16
9600
0
12
0.16
0
15
0.00
0
19
–2.34
14400
0
8
–3.55
0
10
–3.03
0
12
0.16
19200
0
6
–6.99
0
7
0.00
0
9
–2.34
28800
0
3
8.51
0
4
6.67
0
6
–6.99
31250
0
3
0.00
0
4
–1.70
0
5
0.00
38400
0
2
8.51
0
3
0.00
0
4
–2.34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com