Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 518 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 518 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 514Page - Renesas Technology Corp SH7041A Datasheet HTML 515Page - Renesas Technology Corp SH7041A Datasheet HTML 516Page - Renesas Technology Corp SH7041A Datasheet HTML 517Page - Renesas Technology Corp SH7041A Datasheet HTML 518Page - Renesas Technology Corp SH7041A Datasheet HTML 519Page - Renesas Technology Corp SH7041A Datasheet HTML 520Page - Renesas Technology Corp SH7041A Datasheet HTML 521Page - Renesas Technology Corp SH7041A Datasheet HTML 522Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 518 / 923 page
background image
480
• Bit 6—Receive Data Register Full (RDRF): Indicates that RDR contains received data.
Bit 6: RDRF
Description
0
RDR does not contain valid received data (initial value)
RDRF is cleared to 0 when the chip is power-on reset or enters standby mode,
software reads RDRF after it has been set to 1, then writes 0 in RDRF, or the
DMAC or DTC reads data from RDR
1
RDR contains valid received data
RDRF is set to 1 when serial data is received normally and transferred from RSR
to RDR
Note:
The RDR and RDRF are not affected by detection of receive errors or by clearing of the RE
bit to 0 in the serial control register. They retain their previous contents. If RDRF is still set
to 1 when reception of the next data ends, an overrun error (ORER) occurs and the
received data is lost.
• Bit 5—Overrun Error (ORER): Indicates that data reception ended abnormally due to an
overrun error.
Bit 5: ORER
Description
0
Receiving is in progress or has ended normally (initial value). Clearing the RE bit
to 0 in the serial control register does not affect the ORER bit, which retains its
previous value.
ORER is cleared to 0 when the chip is power-on reset or enters standby mode or
software reads ORER after it has been set to 1, then writes 0 in ORER
1
A receive overrun error occurred. RDR continues to hold the data received
before the overrun error, so subsequent receive data is lost. Serial receiving
cannot continue while ORER is set to 1. In the clock synchronous mode, serial
transmitting is disabled.
ORER is set to 1 if reception of the next serial data ends when RDRF is set to 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com