Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 539 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 539 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 535Page - Renesas Technology Corp SH7041A Datasheet HTML 536Page - Renesas Technology Corp SH7041A Datasheet HTML 537Page - Renesas Technology Corp SH7041A Datasheet HTML 538Page - Renesas Technology Corp SH7041A Datasheet HTML 539Page - Renesas Technology Corp SH7041A Datasheet HTML 540Page - Renesas Technology Corp SH7041A Datasheet HTML 541Page - Renesas Technology Corp SH7041A Datasheet HTML 542Page - Renesas Technology Corp SH7041A Datasheet HTML 543Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 539 / 923 page
background image
501
14.3
Operation
14.3.1
Overview
For serial communication, the SCI has an asynchronous mode in which characters are
synchronized individually, and a clock synchronous mode in which communication is
synchronized with clock pulses. Asynchronous/clock synchronous mode and the transmission
format are selected in the serial mode register (SMR), as shown in table 14.8. The SCI clock
source is selected by the C/
A bit in the serial mode register (SMR) and the CKE1 and CKE0 bits
in the serial control register (SCR), as shown in table 14.9.
Asynchronous Mode:
• Data length is selectable: seven or eight bits.
• Parity and multiprocessor bits are selectable, as well as the stop bit length (one or two bits).
These selections determine the transmit/receive format and character length.
• In receiving, it is possible to detect framing errors (FER), parity errors (PER), overrun errors
(ORER), and the break state.
• An internal or external clock can be selected as the SCI clock source.
 When an internal clock is selected, the SCI operates using the on-chip baud rate generator
clock, and can output a clock with a frequency matching the bit rate.
 When an external clock is selected, the external clock input must have a frequency 16 times
the bit rate. (The on-chip baud rate generator is not used.)
Clock Synchronous Mode:
• The communication format has a fixed 8-bit data length.
• In receiving, it is possible to detect overrun errors (ORER).
• An internal or external clock can be selected as the SCI clock source.
 When an internal clock is selected, the SCI operates using the on-chip baud rate generator
clock, and outputs a synchronous clock signal to external devices.
 When an external clock is selected, the SCI operates on the input synchronous clock. The
on-chip baud rate generator is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com