Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 540 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 540 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 536Page - Renesas Technology Corp SH7041A Datasheet HTML 537Page - Renesas Technology Corp SH7041A Datasheet HTML 538Page - Renesas Technology Corp SH7041A Datasheet HTML 539Page - Renesas Technology Corp SH7041A Datasheet HTML 540Page - Renesas Technology Corp SH7041A Datasheet HTML 541Page - Renesas Technology Corp SH7041A Datasheet HTML 542Page - Renesas Technology Corp SH7041A Datasheet HTML 543Page - Renesas Technology Corp SH7041A Datasheet HTML 544Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 540 / 923 page
background image
502
Table 14.8
Serial Mode Register Settings and SCI Communication Formats
SMR Settings
SCI Communication Format
Mode
Bit 7
C/
A
Bit 6
CHR
Bit 5
PE
Bit 2
MP
Bit 3
STOP
Data
Length
Parity
Bit
Multipro-
cessor Bit
Stop Bit
Length
Asynchronous
0
0000
8-bit
Not set
Not set
1 bit
1
2 bits
1
0
Set
1 bit
1
2 bits
1
0
0
7-bit
Not set
1 bit
1
2 bits
1
0
Set
1 bit
1
2 bits
Asynchronous
0
*
1
0
8-bit
Not set
Set
1 bit
(multiprocessor
*
1
2 bits
format)
1
*
0
7-bit
1 bit
*
1
2 bits
Clock
synchronous
1
****
8-bit
Not set
None
Note:
Asterisks (*) in the table indicate don’t-care bits.
Table 14.9
SMR and SCR Settings and SCI Clock Source Selection
SMR
SCR Settings
SCI Transmit/Receive Clock
Mode
Bit 7
C/
A
Bit 1
CKE1
Bit 0
CKE0
Clock Source
SCK Pin Function*
Asynchronous
0
0
0
Internal
SCI does not use the SCK pin
1
Outputs a clock with frequency
matching the bit rate
1
0
External
Inputs a clock with frequency 16 times
the bit rate
1
Clock synch-
1
0
0
Internal
Outputs the synchronous clock
ronous
1
1
0
External
Inputs the synchronous clock
1
Note: * Select the function in combination with the pin function controller (PFC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com