Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 542 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 542 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 538Page - Renesas Technology Corp SH7041A Datasheet HTML 539Page - Renesas Technology Corp SH7041A Datasheet HTML 540Page - Renesas Technology Corp SH7041A Datasheet HTML 541Page - Renesas Technology Corp SH7041A Datasheet HTML 542Page - Renesas Technology Corp SH7041A Datasheet HTML 543Page - Renesas Technology Corp SH7041A Datasheet HTML 544Page - Renesas Technology Corp SH7041A Datasheet HTML 545Page - Renesas Technology Corp SH7041A Datasheet HTML 546Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 542 / 923 page
background image
504
Transmit/Receive Formats: Table 14.10 shows the 11 communication formats that can be
selected in the asynchronous mode. The format is selected by settings in the serial mode register
(SMR).
Table 14.10 Serial Communication Formats (Asynchronous Mode)
SMR Bits
Serial Transmit/Receive Format and Frame Length
CHR PE
MP
STOP
1
2
345678
9
10
11
12
0
0
0
0
START
8-Bit data
STOP
0
0
0
1
START
8-Bit data
STOP STOP
0
1
0
0
START
8-Bit data
P
STOP
0
1
0
1
START
8-Bit data
P
STOP STOP
1
0
0
0
START
7-Bit data
STOP
1
0
0
1
START
7-Bit data
STOP STOP
1
1
0
0
START
7-Bit data
P
STOP
1
1
0
1
START
7-Bit data
P
STOP STOP
0
—
1
0
START
8-Bit data
MPB
STOP
0
—
1
1
START
8-Bit data
MPB
STOP STOP
1
—
1
0
START
7-Bit data
MPB
STOP
1
—
1
1
START
7-Bit data
MPB
STOP STOP
—: Don’t care bits.
Note:
START: Start bit
STOP: Stop bit
P: Parity bit
MPB: Multiprocessor bit
Clock: An internal clock generated by the on-chip baud rate generator or an external clock input
from the SCK pin can be selected as the SCI transmit/receive clock. The clock source is selected
by the C/
A bit in the serial mode register (SMR) and bits CKE1 and CKE0 in the serial control
register (SCR) (table 14.9).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com