Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 583 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 583 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 579Page - Renesas Technology Corp SH7041A Datasheet HTML 580Page - Renesas Technology Corp SH7041A Datasheet HTML 581Page - Renesas Technology Corp SH7041A Datasheet HTML 582Page - Renesas Technology Corp SH7041A Datasheet HTML 583Page - Renesas Technology Corp SH7041A Datasheet HTML 584Page - Renesas Technology Corp SH7041A Datasheet HTML 585Page - Renesas Technology Corp SH7041A Datasheet HTML 586Page - Renesas Technology Corp SH7041A Datasheet HTML 587Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 583 / 923 page
background image
545
• Bit 2—Simultaneous Sampling (DSMP): Enables or disables the simultaneous sampling of two
channels. See section 15.4.6, Simultaneous Sampling Operation, for details on simultaneous
sampling.
Set the DSMP bit only while conversion is halted.
Bit 2: DSMP
Description
0
Normal sampling operation (initial value)
1
Simultaneous sampling operation
• Bits 1–0—Buffer Enable 1, 0 (BUFE1, BUFE0): These bits select whether to use the
ADDRB–ADDRD as buffer registers.
Set the BUFE1 and BUFE0 bits only while conversion is halted.
Bit 1: BUFE1
Bit 0: BUFE0
Description
0
0
Normal operation (initial value)
0
1
ADDRA and ADDRB buffer operation: conversion result
→
ADDRA
→ ADDRB (ADDRB is the buffer register)
1
0
ADDRA and ADDRC, also ADDRB and ADDRD buffer
operation: conversion result 1
→ ADDRA → ADDRC,
conversion result 2
→ ADDRB → ADDRD (ADDRC and
ADDRD are buffer registers)
1
1
ADDRA–ADDRD buffer operation: conversion result
→
ADDRA
→ ADDRB → ADDRC → ADDRD (ADDRB–ADDRD
are buffer registers)
15.3
Bus Master Interface
The ADDRA–ADDRH are 16-bit registers with a 16-bit width data bus to the bus master. The bus
master can read from ADDRA–ADDRH in either word or byte units.
When an ADDR is read in word units, the ADDR contents are transferred to the bus master 16 bits
at a time. In byte unit reads, the contents of the most significant eight bits (AD9–AD2) of the
converted data (AD9–AD0) are transferred to the bus master.
Figures 15.2 and 15.3 shows an example of the ADDR read operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com