Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 581 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 581 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 577Page - Renesas Technology Corp SH7041A Datasheet HTML 578Page - Renesas Technology Corp SH7041A Datasheet HTML 579Page - Renesas Technology Corp SH7041A Datasheet HTML 580Page - Renesas Technology Corp SH7041A Datasheet HTML 581Page - Renesas Technology Corp SH7041A Datasheet HTML 582Page - Renesas Technology Corp SH7041A Datasheet HTML 583Page - Renesas Technology Corp SH7041A Datasheet HTML 584Page - Renesas Technology Corp SH7041A Datasheet HTML 585Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 581 / 923 page
background image
543
• Bit 4—Clock Select (CKS): Sets the A/D conversion time. Set, according to the operating
frequency, to give a conversion time of at least 2 µs (5 V version) or 4 µs (3.3 V version).
Make conversion time changes only while conversion is halted.
Bit 4: CKS
Description
0
Conversion time = 40 states (A/D converter standard clock =
φ/2) (initial
value)
1
Conversion time = 80 states (when
φ/4 is selected)
• Bit 3—Group Mode (GRP): Designates either select mode or group mode for the A/D
conversion channel selection.
Set the GRP bit only while conversion is halted.
Bit 3: GRP
Description
0
Select mode (initial value)
1
Group mode
• Bits 2–0—Channel Select 2–0 (CH2–CH0): These bits, along with the GRP bit, select the
analog input channel.
Set the input channel only while conversion is halted.
Description
Bit 2: CH2
Bit 1: CH1
Bit 0: CH0
Select Mode (GRP = 0)
Group Mode (GRP = 1)
0
0
0
AN0 (initial value)
AN0
0
0
1
AN1
AN0–AN1
0
1
0
AN2
AN0–AN2
0
1
1
AN3
AN0–AN3
1
0
0
AN4
AN0–AN4
1
0
1
AN5
AN0–AN5
1
1
0
AN6
AN0–AN6
1
1
1
AN7
AN0–AN7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com