Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 577 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 577 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 573Page - Renesas Technology Corp SH7041A Datasheet HTML 574Page - Renesas Technology Corp SH7041A Datasheet HTML 575Page - Renesas Technology Corp SH7041A Datasheet HTML 576Page - Renesas Technology Corp SH7041A Datasheet HTML 577Page - Renesas Technology Corp SH7041A Datasheet HTML 578Page - Renesas Technology Corp SH7041A Datasheet HTML 579Page - Renesas Technology Corp SH7041A Datasheet HTML 580Page - Renesas Technology Corp SH7041A Datasheet HTML 581Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 577 / 923 page
background image
539
Table 15.1
Pin Configuration
Pin
Abbreviation
I/O
Function
Analog supply
AV
CC
I
Analog section power supply
Analog ground
AV
SS
I
Analog section ground and A/D conversion
reference voltage
Reference voltage
AVref
I
A/D conversion standard voltage
(SH7043 only)
Analog input 0
AN0
I
Analog input channel 0
Analog input 1
AN1
I
Analog input channel 1
Analog input 2
AN2
I
Analog input channel 2
Analog input 3
AN3
I
Analog input channel 3
Analog input 4
AN4
I
Analog input channel 4
Analog input 5
AN5
I
Analog input channel 5
Analog input 6
AN6
I
Analog input channel 6
Analog input 7
AN7
I
Analog input channel 7
A/D external trigger input
ADTRG
I
External trigger for A/D conversion start
15.1.4
Register Configuration
Table 15.2 shows the configuration of the high speed A/D converter registers.
Table 15.2
Register Configuration
Name
Abbreviation R/W
Initial Value
Address
Access Size
A/D data register A
ADDRA
R
H'0000
H'FFFF83F0
8,16
A/D data register B
ADDRB
R
H'0000
H'FFFF83F2
A/D data register C
ADDRC
R
H'0000
H'FFFF83F4
A/D data register D
ADDRD
R
H'0000
H'FFFF83F6
A/D data register E
ADDRE
R
H'0000
H'FFFF83F8
A/D data register F
ADDRF
R
H'0000
H'FFFF83FA
A/D data register G
ADDRG
R
H'0000
H'FFFF83FC
A/D data register H
ADDRH
R
H'0000
H'FFFF83FE
A/D control/status register
ADCSRR
/(W)* H'00
H'FFFF83E0
A/D control register
ADCRR
/W
H'00
H'FFFF83E1
Note: * Only 0 can be written to bit 7 to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com