Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 578 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 578 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 574Page - Renesas Technology Corp SH7041A Datasheet HTML 575Page - Renesas Technology Corp SH7041A Datasheet HTML 576Page - Renesas Technology Corp SH7041A Datasheet HTML 577Page - Renesas Technology Corp SH7041A Datasheet HTML 578Page - Renesas Technology Corp SH7041A Datasheet HTML 579Page - Renesas Technology Corp SH7041A Datasheet HTML 580Page - Renesas Technology Corp SH7041A Datasheet HTML 581Page - Renesas Technology Corp SH7041A Datasheet HTML 582Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 578 / 923 page
background image
540
15.2
Register Descriptions
15.2.1
A/D Data Registers A–H (ADDRA–ADDRH)
The ADDR are 16-bit read only registers for storing A/D conversion results. There are eight of
these registers, ADDRA through ADDRH.
The A/D converted data is 10-bit data which is sent to the ADDR for the corresponding converted
channel for storage. The lower 8 bits of the A/D converted data are transferred to and stored in the
lower byte (bits 7–0) of the ADDR, and the upper 2 bits are stored into the upper byte (bits 9, 8).
Bits 15–10 always read as 0. Data reads can be either byte or word. The upper 8 bits of the
converted data are transferred upon byte data reads. Additionally, buffered operation is possible by
combining ADDRA–ADDRD.
Table 15.3 shows the correspondence between the analog input channels and the ADDR.
The ADDR are initialized to H'0000 by power-on reset or in standby mode. Manual reset does not
initialize ADDR.
Bit:
15
14
13
12
11
10
9
8
—
—
—
—
—
—
AD9
AD8
Initial value:
0
0
0
0
0
0
0
0
R
/W:
RRRRRRRR
Bit:
7
6
5
4
3
2
1
0
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
Initial value:
0
0
0
0
0
0
0
0
R
/W:
RRRRRRRR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com