Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 582 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 582 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 578Page - Renesas Technology Corp SH7041A Datasheet HTML 579Page - Renesas Technology Corp SH7041A Datasheet HTML 580Page - Renesas Technology Corp SH7041A Datasheet HTML 581Page - Renesas Technology Corp SH7041A Datasheet HTML 582Page - Renesas Technology Corp SH7041A Datasheet HTML 583Page - Renesas Technology Corp SH7041A Datasheet HTML 584Page - Renesas Technology Corp SH7041A Datasheet HTML 585Page - Renesas Technology Corp SH7041A Datasheet HTML 586Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 582 / 923 page
background image
544
15.2.3
A/D Control Register (ADCR)
The ADCR is an 8-bit read/write register used for A/D conversion operation control. The ADCR is
initialized to H'00 by power-on reset or in standby mode. Manual reset does not initialize.
Bit:
7
6
5
4
3
2
1
0
—
PWR
TRGS1
TRGS0
SCAN
DSMP
BUFE1
BUFE0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
• Bit 7—Reserved: This bit always reads as 0. The write value should always be 0.
• Bit 6—Power (PWR): Designates the conversion start mode for the high speed A/D converter.
Setting the PWR bit to 1 sets high speed start mode, and a 0 sets to low power conversion
mode. See section 15.4.7, Conversion Start Modes, for details on the conversion start
operation.
Set the PWR bit only while conversion is halted.
Bit 6: PWR
Description
0
Low power conversion mode (initial value)
1
High speed start mode
• Bits 5 and 4—Timer Trigger Select 1, 0 (TRGS1, TRGS0): These bits enable or prohibit A/D
conversion starts by trigger signals.
Set the TRGS1, TRGS0 bits only while conversion is halted.
Bit 5: TRGS1
Bit 4: TRGS0
Description
0
0
Enable A/D conversion start by software (initial value)
0
1
Enables A/D conversion start by MTU conversion start trigger
1
0
Reserved
1
1
Enables A/D conversion start by external trigger pin (
ADTRG)
• Bit 3—Scan Mode (SCAN): Selects either single mode or scan mode for the A/D conversion
operation mode. See section 15.4, Operation, for details on single mode and scan mode
operation.
Set the SCAN bit only while conversion is halted.
Bit 3: SCAN
Description
0
Single mode (initial value)
1
Scan mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com