Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 573 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 573 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 569Page - Renesas Technology Corp SH7041A Datasheet HTML 570Page - Renesas Technology Corp SH7041A Datasheet HTML 571Page - Renesas Technology Corp SH7041A Datasheet HTML 572Page - Renesas Technology Corp SH7041A Datasheet HTML 573Page - Renesas Technology Corp SH7041A Datasheet HTML 574Page - Renesas Technology Corp SH7041A Datasheet HTML 575Page - Renesas Technology Corp SH7041A Datasheet HTML 576Page - Renesas Technology Corp SH7041A Datasheet HTML 577Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 573 / 923 page
background image
535
07 8
15 0
7 8
15 0
5
Internal
base clock
Receive
data (RxD)
Synchronization
sampling timing
Data
sampling timing
8 clocks
16 clocks
Start bit
–7.5 clocks
+7.5 clocks
D0
D1
Figure 14.24 Receive Data Sampling Timing in Asynchronous Mode
The receive margin in the asynchronous mode can therefore be expressed as:
M =
0.5 –
1
2N
–
L – 0.5 F –
D – 0.5
N
1 + F
100%


()
(
) ×
M : Receive margin (%)
N : Ratio of clock frequency to bit rate (N = 16)
D : Clock duty cycle (D = 0–1.0)
L : Frame length (L = 9–12)
F : Absolute deviation of clock frequency
From the equation above, if F = 0 and D = 0.5 the receive margin is 46.875%:
D
= 0.5, F = 0
M = (0.5 – 1/(2
× 16)) × 100%
= 46.875%
This is a theoretical value. A reasonable margin to allow in system designs is 20–30%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com