Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 572 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 572 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 568Page - Renesas Technology Corp SH7041A Datasheet HTML 569Page - Renesas Technology Corp SH7041A Datasheet HTML 570Page - Renesas Technology Corp SH7041A Datasheet HTML 571Page - Renesas Technology Corp SH7041A Datasheet HTML 572Page - Renesas Technology Corp SH7041A Datasheet HTML 573Page - Renesas Technology Corp SH7041A Datasheet HTML 574Page - Renesas Technology Corp SH7041A Datasheet HTML 575Page - Renesas Technology Corp SH7041A Datasheet HTML 576Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 572 / 923 page
background image
534
14.5.3
Break Detection and Processing
Break signals can be detected by reading the RxD pin directly when a framing error (FER) is
detected. In the break state, the input from the RxD pin consists of all 0s, so FER is set and the
parity error flag (PER) may also be set. In the break state, the SCI receiver continues to operate, so
if the FER bit is cleared to 0, it will be set to 1 again.
14.5.4
Sending a Break Signal
The TxD pin becomes a general I/O pin with the I/O direction and level determined by the I/O port
data register (DR) and pin function controller (PFC) control register (CR). These conditions allow
break signals to be sent. The DR value is substituted for the marking status until the PFC is set.
Consequently, the output port is set to initially output a 1. To send a break in serial transmission,
first clear the DR to 0, then establish the TxD pin as an output port using the PFC. When TE is
cleared to 0, the transmission section is initialized regardless of the present transmission status.
14.5.5
Receive Error Flags and Transmitter Operation (Clock Synchronous Mode Only)
When a receive error flag (ORER, PER, or FER) is set to 1, the SCI will not start transmitting
even if TDRE is set to 1. Be sure to clear the receive error flags to 0 before starting to transmit.
Note that clearing RE to 0 does not clear the receive error flags.
14.5.6
Receive Data Sampling Timing and Receive Margin in the Asynchronous Mode
In the asynchronous mode, the SCI operates on a base clock of 16 times the bit rate frequency. In
receiving, the SCI synchronizes internally with the falling edge of the start bit, which it samples on
the base clock. Receive data is latched on the rising edge of the eighth base clock pulse (figure
14.24).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com