Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 571 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 571 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 567Page - Renesas Technology Corp SH7041A Datasheet HTML 568Page - Renesas Technology Corp SH7041A Datasheet HTML 569Page - Renesas Technology Corp SH7041A Datasheet HTML 570Page - Renesas Technology Corp SH7041A Datasheet HTML 571Page - Renesas Technology Corp SH7041A Datasheet HTML 572Page - Renesas Technology Corp SH7041A Datasheet HTML 573Page - Renesas Technology Corp SH7041A Datasheet HTML 574Page - Renesas Technology Corp SH7041A Datasheet HTML 575Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 571 / 923 page
background image
533
14.5
Notes on Use
Sections 14.5.1 through 14.5.9 provide information for using the SCI.
14.5.1
TDR Write and TDRE Flags
The TDRE bit in the serial status register (SSR) is a status flag indicating loading of transmit data
from TDR into TSR. The SCI sets TDRE to 1 when it transfers data from TDR to TSR. Data can
be written to TDR regardless of the TDRE bit status. If new data is written in TDR when TDRE is
0, however, the old data stored in TDR will be lost because the data has not yet been transferred to
the TSR. Before writing transmit data to the TDR, be sure to check that TDRE is set to 1.
14.5.2
Simultaneous Multiple Receive Errors
Table 14.13 indicates the state of the SSR status flags when multiple receive errors occur
simultaneously. When an overrun error occurs, the RSR contents cannot be transferred to the
RDR, so receive data is lost.
Table 14.13 SSR Status Flags and Transfer of Receive Data
SSR Status Flags
Receive Data
Transfer
Receive Error Status
RDRF
ORER
FER
PER
RSR
→ RDR
Overrun error
1
1
0
0
X
Framing error
0
0
1
0
O
Parity error
0
0
0
1
O
Overrun error + framing error
1
1
1
0
X
Overrun error + parity error
1
1
0
1
X
Framing error + parity error
0
0
1
1
O
Overrun error + framing error + parity
error
11
1
1
X
Notes: O = Receive data is transferred from RSR to RDR.
X = Receive data is not transferred from RSR to RDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com