Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 570 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 570 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 566Page - Renesas Technology Corp SH7041A Datasheet HTML 567Page - Renesas Technology Corp SH7041A Datasheet HTML 568Page - Renesas Technology Corp SH7041A Datasheet HTML 569Page - Renesas Technology Corp SH7041A Datasheet HTML 570Page - Renesas Technology Corp SH7041A Datasheet HTML 571Page - Renesas Technology Corp SH7041A Datasheet HTML 572Page - Renesas Technology Corp SH7041A Datasheet HTML 573Page - Renesas Technology Corp SH7041A Datasheet HTML 574Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 570 / 923 page
background image
532
14.4
SCI Interrupt Sources and the DMAC/DTC
The SCI has four interrupt sources: transmit-end (TEI), receive-error (ERI), receive-data-full
(RxI), and transmit-data-empty (TxI). Table 14.12 lists the interrupt sources and indicates their
priority. These interrupts can be enabled and disabled by the TIE, RIE, and TEIE bits in the serial
control register (SCR). Each interrupt request is sent separately to the interrupt controller.
TxI is requested when the TDRE bit in the SSR is set to 1. TxI can start the direct memory access
controller (DMAC) or the data transfer controller (DTC) to transfer data. TDRE is automatically
cleared to 0 when the DMAC or the DTC writes data in the transmit data register (TDR).
RxI is requested when the RDRF bit in the SSR is set to 1. RxI can start the DMAC or the DTC to
transfer data. RDRF is automatically cleared to 0 when the DMAC or the DTC reads the receive
data register (RDR).
ERI is requested when the ORER, PER, or FER bit in the SSR is set to 1. ERI cannot start the
DMAC or the DTC.
TEI is requested when the TEND bit in the SSR is set to 1. TEI cannot start the DMAC or the
DTC. Where the TxI interrupt indicates that transmit data writing is enabled, the TEI interrupt
indicates that the transmit operation is complete.
Table 14.12 SCI Interrupt Sources
Interrupt Source
Description
DMAC/DTC Activation
Priority
ERI
Receive error (ORER, PER, or FER)
No
High
RxI
Receive data full (RDRF)
Yes
TxI
Transmit data empty (TDRE)
Yes
TEI
Transmit end (TEND)
No
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com