Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 610 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 610 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 606Page - Renesas Technology Corp SH7041A Datasheet HTML 607Page - Renesas Technology Corp SH7041A Datasheet HTML 608Page - Renesas Technology Corp SH7041A Datasheet HTML 609Page - Renesas Technology Corp SH7041A Datasheet HTML 610Page - Renesas Technology Corp SH7041A Datasheet HTML 611Page - Renesas Technology Corp SH7041A Datasheet HTML 612Page - Renesas Technology Corp SH7041A Datasheet HTML 613Page - Renesas Technology Corp SH7041A Datasheet HTML 614Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 610 / 923 page
background image
572
16.2.2
A/D Control/Status Register (ADCSR0, ADCSR1)
The A/D control/status registers (ADCSR0, 1) are registers that can read/write in 8 bits and control
A/D converter operations such as mode selection. There are the ADCSR0 (A/D0) and ADCSR1
(A/D1).
The ADCSR is initialized to H'00 during power-on reset or standby mode. Manual reset does not
initialize ADCSR.
ADIE
ADF
ADST
SCAN
CKS
—
CH1
CH0
7
654
3
2
10
0
000
0
0
10
R/W :
R/(W)*
R/W
R/W
R/W
R/W
R
R/W
R/W
Bit :
Initial value :
Note: * Only 0 can be written to clear the flag.
• Bit 7—A/D End Flag (ADF): Status flag that indicates end of A/D conversion.
Bit 7:
ADF
Description
0
[Clear conditions]
(Initial value)
1. Writing 0 to ADF after reading ADF with ADF=1
2. When registers of the mid-speed converter are accessed after the DMAC and DTC
are activated by ADI interrupt.
1
[Set conditions]
1.
Single mode: When A/D conversion is complete
2.
Scan mode: When A/D conversion of all designated channels are complete
• Bit 6—A/D Interrupt Enable (ADIE): Enables or disables interrupt request (ADI) due to
completion of A/D conversion.
Bit 6:
ADIE
Description
0
Disables interrupt request (ADI) due to completion of A/D conversion
(Initial value)
1
Enables interrupt request (ADI) due to completion of A/D conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com